Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8764HL/4 Datasheet HTML 1Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 2Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 3Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 4Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 5Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 6Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 7Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 8Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Jan 12
5
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
PINNING
SYMBOL
PINS
DESCRIPTION
SSOP28
LQFP32
CLK
1
5
clock input
TC
2
6
twos complement input (input active LOW)
VCCA
3
7
analog supply voltage (+5 V)
AGND
4
8
analog ground
DEC
5
10
decoupling input
VRB
6
12
reference voltage BOTTOM input
VRM
7
13
reference voltage MIDDLE input
VI
8
14
analog input voltage
VRT
9
15
reference voltage TOP input
OE
10
16
output enable input (input active LOW)
VCCD2
11
17
digital supply voltage 2 (+5 V)
DGND2
12
18
digital ground 2
VCCO
13
19
supply voltage for output stages (2.7 to 3.6 V)
OGND
14
20
output ground
GRAY
15
21
gray code input (input active HIGH)
D0
16
22
data output; bit 0 (LSB)
D1
17
23
data output; bit 1
D2
18
24
data output; bit 2
D3
19
25
data output; bit 3
D4
20
26
data output; bit 4
D5
21
27
data output; bit 5
D6
22
28
data output; bit 6
D7
23
29
data output; bit 7
D8
24
30
data output; bit 8
D9
25
31
data output; bit 9 (MSB)
IR
26
2
in-range data output
DGND1
27
3
digital ground 1
VCCD1
28
4
digital supply voltage 1 (+5 V)
n.c.
−
1, 9, 11 and 32 not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com