Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8764HL/4 Datasheet HTML 8Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 9Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 10Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 11Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 12Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 13Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 14Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 15Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1999 Jan 12
12
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
TWO-TONE; note 9
TTID
two-tone intermodulation distortion
fclk = 40 MHz
−
tbf
−
dB
fclk = 80 MHz
−
tbf
−
dB
BIT ERROR RATE
BER
bit error rate
fi = 5 MHz; Vi = ±16 LSB at
code 512
fclk = 40 MHz
−
10−13
−
times/
sample
fclk = 80 MHz
−
10−13
−
times/
sample
Timing (fclk = 40 MHz; CL = 10 pF) /4 version; see Fig.5 and note 10
tds
sampling delay time
−−
2ns
th
output hold time
5
−−
ns
td
output delay time
VCCO = 2.7 V
tbf
12
tbf
ns
VCCO = 3.3 V
tbf
11
tbf
ns
CL
digital output load capacitance
−−
10
pF
SR
slew rate
VCCO = 2.7 V; CL =10pF
−−
tbf
V/
µs
Timing (fclk = 80 MHz; CL = 10 pF) /8 version; see Fig.5 and note 10
tds
sampling delay time
−−
2ns
th
output hold time
4
−−
ns
td
output delay time
VCCO = 2.7 V
tbf
8
tbf
ns
VCCO = 3.3 V
tbf
7
tbf
ns
CL
digital output load capacitance
−−
10
pF
SR
slew rate
VCCO = 2.7 V; CL =10pF
−−
tbf
V/
µs
3-state output delay times (fclk = 40 MHz) /4 version; see Fig.6
tdZH
enable HIGH
−
tbf
tbf
ns
tdZL
enable LOW
−
tbf
tbf
ns
tdHZ
disable HIGH
−
tbf
tbf
ns
tdLZ
disable LOW
−
tbf
tbf
ns
3-state output delay times (fclk = 80 MHz) /8 version; see Fig.6
tdZH
enable HIGH
−
tbf
tbf
ns
tdZL
enable LOW
−
tbf
tbf
ns
tdHZ
disable HIGH
−
tbf
tbf
ns
tdLZ
disable LOW
−
tbf
tbf
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com