Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8764HL/4 Datasheet HTML 15Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 16Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 17Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 18Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 19Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 20Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 21Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 22Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1999 Jan 12
19
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
APPLICATION INFORMATION
Fig.13 Application diagram (SSOP28).
The analog and digital supplies should be separated and well decoupled.
An application note is available which describes the design and the realization of a demonstration board
that uses TDA8764HL in an application environment.
(1) VRB, VRM and VRT are decoupled to AGND.
(2) Decoupling capacitor for supplies; it must be placed close to the device.
handbook, full pagewidth
28
27
26
25
24
23
22
21
20
19
18
17
TDA8764TS
DGND1
D3
D4
D5
D6
D7
D8
D9
D2
D1
D0
GRAY
1
2
3
4
5
6
7
8
9
10
11
12
CLK
AGND
DEC
VRB
(1)
VCCA
VRT
(1)
VRM
(1)
VCCD2
DGND2
OGND
VCCO
VI
FCE104
16
15
13
14
1 nF
1 nF
1 nF
IR
OE
TC
VCCD1
AGND
4.7 nF
AGND
100 nF
100 nF
AGND
AGND
(2)
100 nF
(2)
(2)
100 nF
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com