Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8764HL/4 Datasheet HTML 16Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 17Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 18Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 19Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 20Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 21Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 22Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 23Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1999 Jan 12
20
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
Fig.14 Application diagram (LQFP32).
The analog and digital supplies should be separated and well decoupled.
An application note is available which describes the design and the realization of a demonstration board
that uses TDA8764HL in an application environment.
(1) VRB, VRM and VRT are decoupled to AGND.
(2) Decoupling capacitor for supplies; it must be placed close to the device.
handbook, full pagewidth
FCE126
32
124
223
322
421
520
619
718
817
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
100 nF(2)
100 nF(2)
100 nF(2)
100 nF(2)
TDA8764HL
n.c.
IR
DGND1
VCCD1
CLK
VCCA
AGND
1 nF(1)
AGND
1 nF(1)
AGND
1 nF(1)
AGND
4.7 nF
AGND
D3
D4
D5
D6
D7
D8
D9
n.c.
VCCD2
DGND2
OGND
D2
D0
GRAY
D1
VCCO
n.c.
DEC
n.c.
VRB
VI
VRT
VRM
TC
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com