Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8764HL/4 Datasheet HTML 7Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 8Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 9Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 10Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 11Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 12Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 13Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 14Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1999 Jan 12
11
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
BANDWIDTH (fclk =80MHZ)/8 VERSION;
B
analog bandwidth
full-scale sine wave; note 6
−
40
−
MHz
75% full-scale sine wave;
note 6
−
60
−
MHz
small signal at mid-scale;
Vi = ±10 LSB at code 512;
note 6
−
700
−
MHz
tstLH
analog input settling time
LOW-to-HIGH
full-scale square wave;
see Fig.7 and note 7
−
tbf
tbf
ns
tstHL
analog input settling time
HIGH-to-LOW
full-scale square wave;
see Fig.7 and note 7
−
tbf
tbf
ns
HARMONICS (fclk =40MHZ)/4 VERSION;
Hall(FS)
harmonics (full-scale);
all components
fi = 5 MHz
second harmonics
−−70
tbf
dBc
third harmonics
−−90
tbf
dBc
SFDR
spurious free dynamic range
fi = 5 MHz
−
tbf
−
dBc
THD
total harmonic distortion
fi = 5 MHz
−−70
−
dB
HARMONICS (fclk =80MHZ)/8 VERSION;
Hall(FS)
harmonics (full-scale);
all components
fi = 5 MHz
second harmonics
−−71
tbf
dBc
third harmonics
−−87
tbf
dBc
SFDR
spurious free dynamic range
fi = 5 MHz
−
tbf
−
dBc
THD
total harmonic distortion
fi = 5 MHz
−−70
−
dB
SIGNAL-TO-NOISE RATIO; note 8
SNR(FS)
signal-to-noise ratio (full-scale)
without harmonics;
fi = 5 MHz
fclk = 40 MHz; /4 version
tbf
58
−
dB
fclk = 80 MHz; /8 version
tbf
58
−
dB
EFFECTIVE BITS; note 8
EB
effective bits
TDA8764TS/4; TDA8764HL/4
fclk = 40 MHz
fi = 5 MHz
tbf
9.5
tbf
bits
fi = 7.5 MHz
tbf
9.2
tbf
bits
fi = 10 MHz
tbf
9.0
tbf
bits
fi = 20 MHz
tbf
tbf
tbf
bits
effective bits
TDA8764TS/8; TDA8764HL/8
fclk = 80 MHz
fi = 5 MHz
tbf
9.5
tbf
bits
fi = 10 MHz
tbf
tbf
tbf
bits
fi = 20 MHz
tbf
tbf
tbf
bits
fi = 40 MHz
tbf
tbf
tbf
bits
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com