Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764HL/4 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8764HL/4
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764HL/4 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8764HL/4 Datasheet HTML 5Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 6Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 7Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 8Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 9Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 10Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 11Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 12Page - NXP Semiconductors TDA8764HL/4 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Jan 12
9
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
VI (ANALOG INPUT VOLTAGE REFERENCED TO AGND)
IIL
LOW-level input current
TDA8764TS/4; TDA8764HL/4
VI =VRB
−
0
−µA
TDA8764TS/8; TDA8764HL/8
VI =VRB
−
0
−µA
IIH
HIGH-level input current
TDA8764TS/4; TDA8764HL/4
VI =VRT
−
45
−µA
TDA8764TS/8; TDA8764HL/8
VI =VRT
−
85
−µA
Yi
input admittance
TDA8764TS/4; TDA8764HL/4
fi = 5 MHz; note 2
input resistance
−
70
−
k
Ω
input capacitance
3
5
7
pF
input admittance
TDA8764TS/8; TDA8764HL/8
fi = 5 MHz; note 2
input resistance
−
45
−
k
Ω
input capacitance
3
5
7
pF
Reference voltages for the resistor ladder using the internal voltage regulator; see Table 1
VRB
reference voltage BOTTOM
tbf
1.3
tbf
V
VRT
reference voltage TOP
tbf
3.7
tbf
V
Vdiff(ref)
differential reference voltage
VRT − VRB
tbf
2.4
tbf
V
TCVdiff
temperature coefficient of
differential reference voltage
−
tbf
−
mV/K
Voffset(B)
offset voltage BOTTOM
note 3
−
161
−
mV
Voffset(T)
offset voltage TOP
note 3
−
161
−
mV
VI(p-p)
analog input voltage
(peak-to-peak value)
note 4
tbf
2.08
tbf
V
Outputs
DIGITAL OUTPUTS D9 TO D0 AND IR (REFERENCED TO OGND)
VOL
LOW-level output voltage
TDA8764TS/4; TDA8764HL/4
IOL = 1 mA
0
−
0.5
V
TDA8764TS/8; TDA8764HL/8
IOL = 2 mA
0
−
0.5
V
VOH
HIGH-level output voltage
TDA8764TS/4; TDA8764HL/4
IOH = −1mA
VCCO − 0.5 −
VCCO
V
TDA8764TS/8; TDA8764HL/8
IOH = −2mA
VCCO − 0.5 −
VCCO
V
IOZ
output current in 3-state mode
0.5 V < Vo <VCCO
−20
−
+20
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com