Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 37Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 38Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 39Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 40Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 41Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 42Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 43Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 44Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 41
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 3-3:
dsPIC33F/PIC24H CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
RBS<1:0>
FBS
Boot Segment Data RAM Code Protection
11
= No RAM is reserved for Boot Segment
10
= Small-sized Boot RAM
[128 bytes of RAM are reserved for Boot Segment]
01
= Medium-sized Boot RAM
[256 bytes of RAM are reserved for Boot Segment]
00
= Large-sized Boot RAM
[1024 bytes of RAM are reserved for Boot Segment]
[Note: This bit is Reserved in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.]
BSS<2:0>
FBS
Boot Segment Program Memory Code Protection
111
= No Boot Segment
110
= Standard security, Small-sized Boot Program Flash
[Boot Segment ends at 0x0003FF in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.
Boot Segment ends at 0x0007FF in other all other devices.]
101
= Standard security, Medium-sized Boot Program Flash
[Boot Segment ends at 0x0007FF in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.
Boot Segment ends at 0x001FFF in all other devices.]
100
= Standard security, Large-sized Boot Program Flash
[Boot Segment ends at 0x000FFF in dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202.
Boot Segment ends at 0x003FFF in all other devices.]
011
= No Boot Segment
010
= High security, Small-sized Boot Program Flash
[Reserved in dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202 and
PIC24HJ12GP201/202.
Boot Segment ends at 0x0007FF in all other devices.]
001
= High security, Medium-sized Boot Program Flash
[Reserved in dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202 and
PIC24HJ12GP201/202.
Boot Segment ends at 0x001FFF in all other devices.]
000
= High security, Large-sized Boot Program Flash
[Reserved in dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202 and
PIC24HJ12GP201/202.
Boot Segment ends at 0x003FFF in all other devices.]
BWRP
FBS
Boot Segment Program Memory Write Protection
1
= Boot Segment program memory is not write-protected
0
= Boot program memory is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com