Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 43Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 44Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 45Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 46Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 47Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 48Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 49Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 50Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 47
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
4.0
THE PROGRAMMING
EXECUTIVE
4.1
Programming Executive
Communication
The programmer and programming executive have a
master-slave relationship, where the programmer is
the master programming device and the programming
executive is the slave.
All communication is initiated by the programmer in the
form of a command. Only one command at a time can
be sent to the programming executive. In turn, the
programming executive only sends one response to
the programmer after receiving and processing a
command. The programming executive command set
is described in Section 4.2 “Programming Executive
Commands”. The response set is described in
Section 4.3 “Programming Executive Responses”.
4.1.1
COMMUNICATION INTERFACE
AND PROTOCOL
The ICSP/Enhanced ICSP interface is a 2 wire SPI
implemented using the PGC and PGD pins. The PGC
pin is used as a clock input pin and the clock source
must be provided by the programmer. The PGD pin is
used for sending command data to and receiving
response data from the programming executive. All
serial data is transmitted on the falling edge of PGC
and latched on the rising edge of PGC. All data trans-
missions are sent to the Most Significant bit (MSb) first
using 16-bit mode (see Figure 4-1).
FIGURE 4-1:
PROGRAMMING
EXECUTIVE SERIAL
TIMING
Since a 2 wire SPI is used, and data transmissions are
bidirectional, a simple protocol is used to control the
direction of PGD. When the programmer completes a
command transmission, it releases the PGD line and
allows the programming executive to drive this line
high. The programming executive keeps the PGD line
high to indicate that it is processing the command.
After the programming executive has processed the
command, it brings PGD low for 15
μsec to indicate to
the programmer that the response is available to be
clocked out. The programmer can begin to clock out
the response 23
μsec after PGD is brought low and it
must provide the necessary amount of clock pulses to
receive the entire response from the programming
executive.
After the entire response is clocked out, the program-
mer should terminate the clock on PGC until it is time
to send another command to the programming
executive. This protocol is shown in Figure 4-2.
4.1.2
SPI RATE
In Enhanced ICSP mode, the dsPIC33F/PIC24H family
devices operate from the Fast Internal RC oscillator,
which has a nominal frequency of 7.3728 MHz. This
oscillator frequency yields an effective system clock
frequency of 1.8432 MHz. To ensure that the program-
mer does not clock too fast, it is recommended that a
7.35 MHz clock be provided by the programmer.
4.1.3
TIME OUTS
The programming executive uses no Watchdog or time
out for transmitting responses to the programmer. If the
programmer
does
not
follow
the
flow
control
mechanism using PGC as described in Section 4.1.1
“Communication Interface and Protocol”, it is
possible that the programming executive will behave
unexpectedly while trying to send a response to the
programmer. Since the programming executive has no
time out, it is imperative that the programmer correctly
follow the described communication protocol.
As a safety measure, the programmer should use the
command time outs identified in Table 4-1. If the
command time out expires, the programmer should
reset
the
programming
executive
and
start
programming the device again.
PGC
PGD
12
3
11
13
15
16
14
12
LSb
14
13
12
11
45
6
MSb
1
2
3
...
4
5
P2
P3
P1
P1B
P1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com