Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 59Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 60Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 61Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 62Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 63Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 64Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 65Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 66Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 63
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 5-8:
SERIAL INSTRUCTION EXECUTION FOR WRITING CONFIGURATION REGISTERS
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit the Reset vector.
0000
0000
0000
0000
000000
000000
040200
000000
NOP
NOP
GOTO
0x200
NOP
Step 2: Initialize the write pointer (W7) for the TBLWT instruction.
0000
200007
MOV
#0x0000, W7
Step 3: Set the NVMCON register to program one Configuration register.
0000
0000
24000A
883B0A
MOV
#0x4000, W10
MOV
W10, NVMCON
Step 4: Initialize the TBLPAG register.
0000
0000
200F80
880190
MOV
#0xF8, W0
MOV
W0, TBLPAG
Step 5: Load the Configuration register data to W6.
0000
2xxxx0
MOV
#<CONFIG_VALUE>, W0
Step 6: Write the Configuration register data to the write latch and increment the write pointer.
0000
0000
0000
BB1B96
000000
000000
TBLWTL W0, [W7++]
NOP
NOP
Step 7: Initiate the write cycle.
0000
0000
0000
A8E761
000000
000000
BSET
NVMCON, #WR
NOP
NOP
Step 8: Wait for the Configuration Register Write operation to complete and make sure WR bit is clear.
-
0000
0000
0000
0001
-
807600
887840
000000
<VISI>
Externally time ‘P20’ msec
(see Section TABLE 8-1: “AC/DC
Characteristics and Timing Requirements”
) to allow suffi-
cient time for the Configuration Register Write operation to
complete.
MOV, NVMCON, W0
MOV
W0, VISI
NOP
Clock out contents of VISI register. Repeat until the WR bit
is clear.
Step 9: Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP
Step 10: Repeat steps 5-9 until all twelve Configuration registers are written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com