Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 45Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 46Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 47Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 48Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 49Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 50Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 51Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 52Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 49
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 4-1:
PROGRAMMING EXECUTIVE COMMAND SET
4.2.4
COMMAND DESCRIPTIONS
All commands supported by the programming executive
are described in Section 5.2.5 “SCHECK Command”
through Section 4.2.12 “QVER Command”.
4.2.5
SCHECK
COMMAND
The SCHECK command instructs the programming
executive to do nothing but generate a response. This
command is used as a “Sanity Check” to verify that the
programming executive is operational.
Expected Response (2 words):
0x1000
0x0002
Opcode
Mnemonic
Length
(16-bit words)
Time Out
Description
0x0
SCHECK
1
1 msec
Sanity check.
0x1
READC
3
1 msec
Read an 8-bit word from the specified Configuration register or
Device ID register.
0x2
READP
4
1 msec/row Read ‘N’ 24-bit instruction words of code memory starting from
the specified address.
0x3
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
0x4
PROGC
4
5 msec
Write an 8-bit word to the specified Configuration register.
0x5
PROGP
99
5 msec
Program one row of code memory at the specified address,
then verify.
0x6
PROGW
5
5 msec
Program one instruction word of code memory at the specified
address, then verify.
0x7
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
0x8
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
0x9
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
0xA
QBLANK
2
TBD
Query if the code memory is blank.
0xB
QVER
1
1 msec
Query the programming executive software version.
0xC
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
0xD
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
Legend: TBD = To Be Determined
Note:
One row of code memory consists of (64) 24-bit words. Refer to Table 2-2 for device-specific information.
15
12 11
0
Opcode
Length
Field
Description
Opcode
0x0
Length
0x1
Note:
This
instruction
is
not
required
for
programming,
but
is
provided
for
development purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com