Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 61Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 62Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 63Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 64Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 65Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 66Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 67Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 68Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 65
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
5.9
Reading Configuration Memory
The procedure for reading configuration memory is
similar to the procedure for reading code memory,
except that 16-bit data words are read (with the upper
byte read being all ‘0’s) instead of 24-bit words. Since
there are twelve Configuration registers, they are read
one register at a time.
Table 5-10 shows the ICSP programming details for
reading all of configuration memory. Note that the
TBLPAG register is hard coded to 0xF8 (the upper byte
address of configuration memory) and the read pointer,
W6, is initialized to 0x0000.
TABLE 5-10:
SERIAL INSTRUCTION EXECUTION FOR READING ALL CONFIGURATION MEMORY
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit Reset vector.
0000
0000
0000
0000
000000
000000
040200
000000
NOP
NOP
GOTO
0x200
NOP
Step 2: Initialize TBLPAG, the read pointer (W6) and the write pointer (W7) for TBLRD instruction.
0000
0000
0000
0000
0000
200F80
880190
EB0300
207847
000000
MOV
#0xF8, W0
MOV
W0, TBLPAG
CLR
W6
MOV
#VISI, W7
NOP
Step 3: Read the Configuration register and write it to the VISI register (located at 0x784) and clock out the
VISI register using the REGOUT command.
0000
0000
0000
0001
BA0BB6
000000
000000
<VISI>
TBLRDL [W6++], [W7]
NOP
NOP
Clock out contents of VISI register
Step 4: Repeat step 3 twelve times to read all the Configuration registers.
Step 5: Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com