Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 44Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 45Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 46Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 47Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 48Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 49Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 50Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 51Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 48
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 4-2:
PROGRAMMING EXECUTIVE – PROGRAMMER COMMUNICATION PROTOCOL
4.2
Programming Executive
Commands
The programming executive command set is shown in
Table 4-1. This table contains the opcode, mnemonic,
length, time out and description for each command.
Functional details on each command are provided in
the command descriptions (Section 4.2.4 “Command
Descriptions”).
4.2.1
COMMAND FORMAT
All programming executive commands have a general
format consisting of a 16-bit header and any required
data for the command (see Figure 4-3). The 16-bit
header consists of a 4-bit opcode field, which is used to
identify the command, followed by a 12-bit command
length field.
FIGURE 4-3:
COMMAND FORMAT
The command opcode must match one of those in the
command set. Any command that is received which
does not match the list in Table 4-1 will return a “NACK”
response (see Section 5.3.1.1 “Opcode Field”).
The command length is represented in 16-bit words
since the SPI operates in 16-bit mode. The program-
ming executive uses the command length field to
determine the number of words to read from the SPI
port. If the value of this field is incorrect, the command
will not be properly received by the programming
executive.
4.2.2
PACKED DATA FORMAT
When 24-bit instruction words are transferred across
the 16-bit SPI interface, they are packed to conserve
space using the format shown in Figure 4-4. This
format minimizes traffic over the SPI and provides the
programming executive with data that is properly
aligned for performing table write operations.
FIGURE 4-4:
PACKED INSTRUCTION
WORD FORMAT
4.2.3
PROGRAMMING EXECUTIVE
ERROR HANDLING
The
programming
executive
will
“NACK”
all
unsupported commands. Additionally, due to the
memory constraints of the programming executive, no
checking is performed on the data contained in the
programmer command. It is the responsibility of the
programmer to command the programming executive
with valid command arguments or the programming
operation may fail. Additional information on error
handling is provided in Section 5.3.1.3 “QE_Code
Field”.
1
2
15 16
1
2
15 16
PGC
PGD
PGC = Input
PGC = Input (Idle)
Host Transmits
Last Command Word
PGD = Input
PGD = Output
P8
12
15 16
MSB X X X LSB
MSB X X X LSB
MSB X X X LSB
1
0
P9b
PGC = Input
PGD = Output
P9a
Programming Executive
Processes Command
Host Clocks Out Response
8ns
23 µs
15
12
11
0
Opcode
Length
Command Data First Word (if required)
•
•
Command Data Last Word (if required)
Note:
When the number of instruction words
transferred is odd, MSB2 is zero and
LSW2 can not be transmitted.
15
8
7
0
LSW1
MSB2
MSB1
LSW2
LSWx: Least Significant 16 bits of instruction word
MSBx: Most Significant Byte of instruction word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com