Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 9Page - STMicroelectronics TS4997 Datasheet HTML 10Page - STMicroelectronics TS4997 Datasheet HTML 11Page - STMicroelectronics TS4997 Datasheet HTML 12Page - STMicroelectronics TS4997 Datasheet HTML 13Page - STMicroelectronics TS4997 Datasheet HTML 14Page - STMicroelectronics TS4997 Datasheet HTML 15Page - STMicroelectronics TS4997 Datasheet HTML 16Page - STMicroelectronics TS4997 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TS4997
Electrical characteristics
13/34
Figure 26.
PSRR vs. frequency
Figure 27.
PSRR vs. frequency
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3D HIGH
3D MEDIUM
3D OFF
3D LOW
Vcc = 2.7V
Vripple = 200mVpp
G = +6dB
Cb = 1
μF, Cin = 4.7μF
Inputs Grounded
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3D HIGH
3D MEDIUM
3D OFF
3D LOW
Vcc = 2.7V
Vripple = 200mVpp
G = +12dB
Cb = 1
μF, Cin = 4.7μF
Inputs Grounded
Tamb = 25
°C
Frequency (Hz)
Figure 28.
PSRR vs. frequency
Figure 29.
PSRR vs. common mode input
voltage
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3D HIGH
3D MEDIUM
3D OFF
3D LOW
Vcc = 2.7V
Vripple = 200mVpp
Cb = 1
μF
Inputs Floating
Tamb = 25
°C
Frequency (Hz)
01234
5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3.3V
Vripple = 200mVpp
F = 217Hz, G = +6dB
Cb = 1
μF, RL ≥ 8Ω
3D Effect OFF
Tamb = 25°C
Vcc=2.7V
Common Mode Input Voltage (V)
Vcc=5V
Figure 30.
CMRR vs. frequency
Figure 31.
CMRR vs. frequency
100
1000
10000
-70
-60
-50
-40
-30
-20
-10
0
3D HIGH
3D MEDIUM
3D LOW
3D OFF
Vcc = 5V
RL
≥ 8Ω
G = +6dB
Vic = 200mVpp
Cb = 1
μF, Cin = 4.7μF
Tamb = 25°C
Frequency (Hz)
100
1000
10000
-70
-60
-50
-40
-30
-20
-10
0
3D HIGH
3D MEDIUM
3D LOW
3D OFF
Vcc = 5V
RL
≥ 8Ω
G = +12dB
Vic = 200mVpp
Cb = 1
μF, Cin = 4.7μF
Tamb = 25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com