Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 18Page - STMicroelectronics TS4997 Datasheet HTML 19Page - STMicroelectronics TS4997 Datasheet HTML 20Page - STMicroelectronics TS4997 Datasheet HTML 21Page - STMicroelectronics TS4997 Datasheet HTML 22Page - STMicroelectronics TS4997 Datasheet HTML 23Page - STMicroelectronics TS4997 Datasheet HTML 24Page - STMicroelectronics TS4997 Datasheet HTML 25Page - STMicroelectronics TS4997 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Application information
TS4997
22/34
4.5
Low frequency response
The input coupling capacitors block the DC part of the input signal at the amplifier inputs. In
the low frequency region, CIN starts to have an effect. CIN and RIN form a first-order high
pass filter with a -3dB cut-off frequency.
with RIN expressed in Ω and CIN expressed in F.
So, for a desired -3dB cut-off frequency we can calculate CIN:
From Figure 64, you can easily establish the CIN value required for a -3 dB cut-off frequency
for some typical cases.
Figure 64.
-3dB lower cut-off frequency vs. input capacitance
4.6
3D effect enhancement
The TS4997 features 3D audio effect which can be programmed at three discrete levels
(LOW, MEDIUM, HIGH) through input pins 3D1 and 3D0 which provide a digital interface.
The correspondence between the logic levels of this interface and 3D effect levels are
shown in Table 9.
The 3D audio effect applied to stereo audio signals evokes perception of spatial hearing and
improves this effect in cases where the stereo speakers are too close to each other, such as
in small handheld devices, or mobile equipment.
The perceived amount of 3D effect is also dependent on many factors such as speaker
position, distance between speakers and listener, frequency spectrum of audio signal, or
difference of signal between left and right channel. In some cases, the volume can increase
when switching on the 3D effect. This factor is dependent on the composition of the stereo
audio signal and its frequency spectrum.
F
CL
1
2
π R
IN
C
IN
×
×
×
----------------------------------------------- Hz
()
=
C
IN
1
2
π R
IN
F
CL
×
×
×
------------------------------------------------ F
()
=
0.2
0.4
0.6
0.8
1
10
100
Rin=24k
Ω
G~6dB
Rin=12k
Ω
G~12dB
Rin=6.2k
Ω
G~18dB
Tamb=25
°C
Input Capacitor Cin (
μF)
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com