Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 20Page - STMicroelectronics TS4997 Datasheet HTML 21Page - STMicroelectronics TS4997 Datasheet HTML 22Page - STMicroelectronics TS4997 Datasheet HTML 23Page - STMicroelectronics TS4997 Datasheet HTML 24Page - STMicroelectronics TS4997 Datasheet HTML 25Page - STMicroelectronics TS4997 Datasheet HTML 26Page - STMicroelectronics TS4997 Datasheet HTML 27Page - STMicroelectronics TS4997 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Application information
TS4997
24/34
and the maximum value is obtained when:
and its value is:
Equation 5
Note:
This maximum value is only dependent on the power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
Equation 6
The maximum theoretical value is reached when Vpeak = VCC, so:
The TS4997 is stereo amplifier so it has two power amplifiers. Each amplifier produces heat
due to its power dissipation. Therefore, the maximum die temperature is the sum of each
amplifier’s maximum power dissipation. It is calculated as follows:
●
Pdiss 1 = Power dissipation of left channel power amplifier
●
Pdiss 2 = Power dissipation of right channel power amplifier
●
Total Pdiss =Pdiss 1 + Pdiss 2 (W)
In most cases, Pdiss 1 = Pdiss 2, giving:
The maximum die temperature allowable for the TS4997 is 150°C. In case of overheating, a
thermal shutdown protection set to 150°C, puts the TS4997 in standby until the temperature
of the die is reduced by about 5°C.
To calculate the maximum ambient temperature Tamb allowable, you need to know:
●
the power supply voltage value, VCC
●
the load resistor value, RL
●
the package type, RTHJA
Example: VCC=5V, RL=8Ω, RTHJAQFN16=85°C/W (with 2-layer PCB with vias).
Using the power dissipation formula given in Equation 5, the maximum dissipated power per
channel is:
Pdissmax = 633mW
And the power dissipated by both channels is:
Total Pdissmax = 2 x Pdissmax = 1266mW
∂Pdiss
∂P
out
--------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η=
P
out
P
supply
------------------- =
πV
peak
4Vcc
--------------------
η= π
4
----- = 78.5%
TotalP
diss = 2
P
diss1
×
42V
CC
π R
L
---------------------- P
out 2Pout W
()
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com