Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 15Page - STMicroelectronics TS4997 Datasheet HTML 16Page - STMicroelectronics TS4997 Datasheet HTML 17Page - STMicroelectronics TS4997 Datasheet HTML 18Page - STMicroelectronics TS4997 Datasheet HTML 19Page - STMicroelectronics TS4997 Datasheet HTML 20Page - STMicroelectronics TS4997 Datasheet HTML 21Page - STMicroelectronics TS4997 Datasheet HTML 22Page - STMicroelectronics TS4997 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
TS4997
Electrical characteristics
19/34
Figure 62.
Power dissipation vs. output power Figure 63.
Power derating curves
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
350
400
RL=4
Ω
RL=16
Ω
RL=8
Ω
Vcc = 2.7V
F = 1kHz
THD+N < 1%
Output Power (mW)
0
255075
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Mounted on 2-layer PCB
with vias
No Heat sink -AMR value
Mounted on 4-layer PCB
with vias
Ambiant Temperature (
°C)
Table 8.
Output noise, Tamb = 25°C
Conditions
3D effect level
Unweighted filter
(20Hz to 20kHz)
VCC = 2.7V to 5.5V
A-weighted filter
VCC = 2.7V to 5.5V
Inputs floating
OFF
10
μVrms
6
μVrms
Inputs floating
LOW
18
μVrms
12
μVrms
Inputs floating
MEDIUM
24
μVrms
15
μVrms
Inputs floating
HIGH
34
μVrms
22
μVrms
Inputs grounded, G=6dB
OFF
15
μVrms
10
μVrms
Inputs grounded, G=6dB
LOW
28
μVrms
19
μVrms
Inputs grounded, G=6dB
MEDIUM
36
μVrms
24
μVrms
Inputs grounded, G=6dB
HIGH
52
μVrms
35
μVrms
Inputs grounded, G=12dB
OFF
20
μVrms
14
μVrms
Inputs grounded, G=12dB
LOW
39
μVrms
26
μVrms
Inputs grounded, G=12dB
MEDIUM
50
μVrms
33
μVrms
Inputs grounded, G=12dB
HIGH
71
μVrms
48
μVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com