Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 23Page - STMicroelectronics TS4997 Datasheet HTML 24Page - STMicroelectronics TS4997 Datasheet HTML 25Page - STMicroelectronics TS4997 Datasheet HTML 26Page - STMicroelectronics TS4997 Datasheet HTML 27Page - STMicroelectronics TS4997 Datasheet HTML 28Page - STMicroelectronics TS4997 Datasheet HTML 29Page - STMicroelectronics TS4997 Datasheet HTML 30Page - STMicroelectronics TS4997 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TS4997
Application information
27/34
4.11
Shutdown time
When the standby command is activated (both channels put into standby mode), the time
required to put the two output stages of each channel in high impedance and the internal
circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode when both channels are in standby, the Bypass pin and LIN+, LIN-, RIN+,
RIN- pins are shorted to ground by internal switches. This allows a quick discharge of Cb and
CIN capacitors.
4.12
Pop performance
Due to its fully differential structure, the pop performance of the TS4997 is close to perfect.
However, due to mismatching between internal resistors Rfeed, external resistors RIN and
external input capacitors CIN, some noise might remain at startup. To eliminate the effect of
mismatched components, the TS4997 includes pop reduction circuitry. With this circuitry,
the TS4997 is close to zero pop for all possible common applications.
In addition, when the TS4997 is in standby mode, due to the high impedance output stage in
this configuration, no pop is heard.
4.13
Single-ended input configuration
It is possible to use the TS4997 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The schematic diagram in Figure 67
shows an example of this configuration for a gain of +6dB set by the input resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com