Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 25Page - STMicroelectronics TS4997 Datasheet HTML 26Page - STMicroelectronics TS4997 Datasheet HTML 27Page - STMicroelectronics TS4997 Datasheet HTML 28Page - STMicroelectronics TS4997 Datasheet HTML 29Page - STMicroelectronics TS4997 Datasheet HTML 30Page - STMicroelectronics TS4997 Datasheet HTML 31Page - STMicroelectronics TS4997 Datasheet HTML 32Page - STMicroelectronics TS4997 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
TS4997
Application information
29/34
Figure 68.
PSRR measurement
Principles of operation
●
The DC voltage supply (VCC) is fixed
●
The AC sinusoidal ripple voltage (Vripple) is fixed
●
No bypass capacitor CS is used
The PSRR value for each frequency is calculated as:
RMS is an rms selective measurement.
Cin1
4.7uF
Cb
1uF
Rin1
Rin2
1
2
4
3
14
12
11
9
10
BIAS
STBY
3D
EFFECT
LEFT
RIGHT
LI N-
RIN-
LI N+
RIN+
Bypa ss
GND
GND
LOUT-
LOUT+
ROUT-
ROUT+
-
+
+
-
Vcc
TS4997 - QFN16
Rin3
Rin4
Cin2
4.7uF
Cin3
4.7uF
Cin4
4.7uF
RL
8Ohms
RL
8Ohms
Vcc
Vripple
PSRR
20
Log
RMS
Output
()
RMS
Vripple
()
----------------------------------
×
dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com