Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4510-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet
ADA4510-2
THEORY OF OPERATION
analog.com
Rev. B | 24 of 32
Figure 78. Simplified Schematic
The ADA4510-2 is a dual-channel, low-power, rail-to-rail input and
output, precision CMOS op amp that operates over a wide supply
voltage range of 6 V to 40 V. This amplifier uses the Analog
Devices DigiTrim technique to achieve a higher degree of precision
compared to previous CMOS amplifiers. The DigiTrim technique is
a method of trimming the offset voltage and the offset voltage tem-
perature drift of an amplifier after assembly. This technique corrects
any offset voltages and drifts caused by mechanical stresses during
assembly.
INPUT AND GAIN STAGES
Figure 78 shows the simplified circuit diagram for the ADA4510-2.
The input architecture provides high-impedance, rail-to-rail differ-
ential and common-mode input swing, low noise, low input bias
current, and low offset voltage.
An integrated EMI filter increases the signal robustness and helps
prevent EMI signals from coupling into the amplifier. Depending on
the input common-mode voltage, either the negative channel metal-
oxide semiconductor (NMOS) or the positive channel metal-oxide
semiconductor (PMOS) input stage can be active at any time. The
low offset voltage and low offset voltage drift specifications are
possible by using the DigiTrim technique on both the NMOS and
PMOS input stages.
The ADA4510-2 includes circuitry that extends the linear input
range, providing higher slew rates than a traditional input differential
pair and improving the THD. The wide gain bandwidth product of
10.4 MHz is achieved through internal Miller compensation.
OUTPUT STAGE
The output of the ADA4510-2 swings rail-to-rail to within 100 mV
of either supply rail. A capacitive load compensation block senses
the load capacitor and adds additional phase margin, if required,
to drive a large capacitor (at least 1 nF) and maintain amplifier
stability.
EMI REJECTION
High-frequency EMI is a threat to precision amplifier performance
in an intended application. Op amps must accurately amplify input
signals despite low signal strength and long transmission lines. All
operational amplifier pins are susceptible to EMI signals. These
high-frequency signals are coupled into an operational amplifier by
various means, such as conduction, near-field radiation, or far-field
radiation. For example, wires and printed circuit board (PCB) traces
act as antennas to pick up high-frequency EMI signals.
Op amps do not amplify EMI or RF signals due to the relatively low
bandwidth of the amplifier. However, due to the nonlinearities of the
input devices, op amps can rectify these out-of-band signals, which
then appear as a DC offset at the output.
The ADA4510-2 is designed with integrated EMI filters at the input
stage of the op amp. The EMIRR describes the ability of the
ADA4510-2 to perform as intended in the presence of electromag-
netic energy. The EMIRR is specified for the noninverting pin in
Table 1. A mathematical method of measuring EMIRR is defined as
follows:
EMIRR=20 log× ΔVIN_PEAK/ΔVOS
EMIRR performance of ADA4510-2 is shown in Figure 41.
NO PHASE INVERSION
The ADA4510-2 does not suffer from output voltage phase reversal
that occurs in some op amps when the specified input VCM range is
exceeded. Output voltage phase reversal causes the output voltage
to swing to the opposite rail until the input comes back within
the common-mode range. Typically, the inputs of conventional op
amps fail to reach or exceed the common-mode limit toward the
negative range. Phase-reversal is most often associated with junc-
tion field effect transistor (JFET) and/or bipolar field effect transistor
(BiFET) amplifiers, but some bipolar single-supply amplifiers are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com