Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4510-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADA4510-2
APPLICATIONS INFORMATION
analog.com
Rev. B | 29 of 32
Figure 87. Compensating the TIA, CF = 3.1 pF
Figure 88. Compensating the TIA, CF = 5.5 pF
Figure 89. Pulse Response for Various CF
ACTIVE FILTER
Figure 90. 4-Pole Low Pass Filter with −3dB Bandwidth of 10kHz
Active filters are used to separate signals, passing signals of inter-
est and attenuating signals at unwanted frequencies. For example,
low-pass filters are often used as antialiasing filters in data acquisi-
tion systems or as noise filters to limit high frequency noise.
The high input impedance, high bandwidth, low input bias current,
and DC precision make the ADA4510-2 a good fit for active filter
applications. Figure 90 shows the ADA4510-2 in a 4-pole Sallen-
Key Butterworth low-pass filter configuration. The 4-pole low-pass
filter has two complex conjugate pole pairs and is implemented by
cascading two 2-pole low-pass filters. Section A and Section B are
configured as 2-pole low-pass filters in unity gain. Table 8 shows
the quality factor (Q) requirement and pole position associated with
each stage of the Butterworth filter. Refer to Chapter 8, Analog
Filters, in Linear Circuit Design Handbook, available at www.ana-
log.com/AnalogDialogue, for pole locations on the s plane and Q
requirements for filters of a different order.
Table 8. Q Requirements and Pole Positions
Section
Poles
Q
A
−0.9239 ± j0.3827
0.5412
B
−0.3827 ± j0.9239
1.3065
The Sallen-Key topology is widely used due to its simple design
with few circuit elements. This topology provides the user the
flexibility of implementing either a low-pass or a high-pass filter by
simply interchanging the resistors and capacitors. The ADA4510-2
is configured in unity gain with a corner frequency at 10 kHz. An
active filter requires an op amp with a unity-gain bandwidth that is
at least 100 times greater than the product of the corner frequency
(fC) and the Q. The resistors and capacitors are also important in
determining the performance over manufacturing tolerances, time,
and temperature. At least 1% or better tolerance resistors and 5%
or better tolerance capacitors are recommended.
Figure 91 shows the frequency response of the low-pass Sallen-
Key filter, where:
VOUT1 is the output of the first stage.
VOUT2 is the output of the second stage.
VOUT1 shows a 40 dB/decade roll-off and VOUT2 shows an 80 dB/
decade roll-off. The transition band becomes sharper as the order
of the filter increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com