Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4510-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Data Sheet
ADA4510-2
APPLICATIONS INFORMATION
analog.com
Rev. B | 30 of 32
Figure 91. Low-Pass Filter: Gain vs. Frequency
FEEDBACK COMPONENTS
When feedback resistors are used to set up gain, care must be
taken to ensure that the pole formed by the resistors and the para-
sitic capacitance at the inverting input does not degrade stability.
If the pole formed is near the desired crossover frequency of the
amplifier, the stability will be negatively impacted.
In general, if the parasitic pole lies within the closed-loop bandwidth
of the amplifier, add a capacitor in parallel with the RF to introduce
a zero that has a frequency close to the frequency of the pole to
improve stability.
For a more detailed discussion, see the Analog Dialogue article:
Truth About Voltage Feedback Resistors.
PRECISION BUFFER
The overall precision of high-resolution systems with ADCs and
digital-to-analog converters (DACs) depends on the accuracy, sta-
bility, and drive capability of the voltage reference of the system.
Typically, the best performance requires a costly external reference,
because on-chip references and buffers often have poor perform-
ance or insufficient drive.
With its low noise specs, the ADA4510-2 can be used to preserve
the accuracy of the chosen reference for successive approxima-
tion register (SAR) ADC reference inputs. The Voltage Reference
Design for Precision Successive-Approximation ADCs Analog Dia-
logue Article details several considerations and how to compute for
noise from the reference circuit to ensure that ADC performance is
not affected.
DAC outputs that drive real world sensors also depend on the
accuracy of the reference voltage. The low VOS, ΔVOS / ΔT, IB, en
p-p, and very high linearity, in combination with the fast settling time
and slew rate, make the ADA4510-2 an ideal fit for an output DAC
buffer.
RECOMMENDED POWER SOLUTION
Analog Devices, Inc. has a wide range of power management
products that meet the requirements of most high performance
signal chains. For a dual-supply application, the ADA4510-2 may
need as high as ±20 V supply. Low dropout (LDO) linear regulators
such as the LT3042 for the positive supply and the LT3093 for
the negative supply help improve the PSRR at high frequency and
generate a low noise power rail. In addition, if a negative supply is
not available, the ADP5070 can generate the negative supply from
a positive supply. Table 9 shows the list of the recommended Power
Management Devices for ADA4510-2.
Table 9. Recommended Power Management Devices
Product
Description
ADP5070
DC-to-dc switching regulator with independent
positive and negative outputs
LT3032
Dual 150mA positive/negative low noise LDO
linear regulator
LT3093
−20 V, 200 mA, ultralow noise, ultrahigh PSRR
negative linear regulator
LT3042
20 V, 200 mA, ultralow noise, ultrahigh PSRR RF
linear regulator
It is recommended to use a low ESR, 0.1 μF bypass capacitor close
to each of the power supply pins of the ADA4510-2 and ground to
reduce errors coupling in from the power supplies. For noisy power
supplies, place an additional 10 μF capacitor in parallel with the 0.1
μF for better performance.
LAYOUT GUIDELINES
The ADA4510-2 has extremely high impedance inputs. Shunt impe-
dances from leakage resistance and parasitic capacitance in the
PCB layout can severely degrade the performance of the low bias
input. Protect against parasitic leakage currents by using guarding
techniques to reduce the voltage gradient seen by the input node.
Physically, a guard is a low impedance conductor that surrounds
a high impedance node and is driven to the voltage of that node.
It serves to buffer leakage by diverting the leakage away from
the sensitive node and into the low impedance guard. Remove
the solder mask from the guard traces to guard against surface
leakage due to contamination. Place any input resistors close to
the ADA4510-2 inputs to avoid interaction with trace parasitics. If
one of the channels is not in use, connect the input to a voltage
that is within the linear range of the channel to avoid overdrive
conditions that can interfere with other channels. Leave the output
unconnected. Place decoupling capacitors, such as 0.1 µF, near the
ADA4510-2. Larger capacitors, such as 10 µF, can be used farther
away from the op amp.
SOLDER HEAT EFFECT
All high precision electronic components are susceptible to specifi-
cation shifts due to mechanical stresses, such as those stresses
encountered during high temperature reflow soldering. Such me-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com