Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4510-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Data Sheet
ADA4510-2
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Low offset voltage drift: ±70 nV/°C typical
►
Low offset voltage: ±5 μV typical, ±20 μV maximum
►
Low voltage noise: 1 μV p-p from 0.1 Hz to 10 Hz typical
►
Low voltage noise density: 5 nV/√Hz typical at f = 1 kHz
►
High common-mode rejection: 140 dB typical
►
Low input bias current: ±10 pA maximum
►
Wide gain bandwidth product: 10.4 MHz typical
►
High slew rate: 19 V/μs typical
►
Low THD: −134 dB at f = 1 kHz
►
Low quiescent supply current: 1.45 mA per amplifier typical
►
Wide supply voltage operation: 6 V to 40 V, ±3 V to ±20 V
►
Integrated EMI filter
►
Multiplexer compatible inputs
►
Rail-to-rail high impedance: differential and common-mode
►
Fast settling time
►
Rail-to-rail and output
►
No phase reversal
►
Heavy capacitive load drive capability: 1 nF
►
Wide specified temperature range: −40°C to +125°C
►
Available in 8-lead, SOIC_N and 8-lead, MSOP packages
APPLICATIONS
►
Multiplexed data acquisition systems
►
Electronic test and measurement
►
Automated test equipment
►
Medical instruments
►
Energy monitoring
►
Precision current sensing and precision buffer
►
Transimpedance amplifiers
GENERAL DESCRIPTION
The ADA4510-21 is a dual-channel, 40 V, high precision, low input
bias current, low offset voltage, low offset voltage drift, low noise,
rail-to-rail input and output operational amplifier that can be used at
any point of the signal chain, including sensing, conditioning, and
output drive. Through the use of Analog Devices, Inc., proprietary
DigiTrim™ technique, the ADA4510-2 achieves best-in-class low
offset drift (±70 nV/°C typical, ±500 nV/°C maximum) and low offset
voltage (±5 μV typical, ±20 μV maximum), simplifying temperature
calibrations in precision designs.
The ADA4510-2 delivers excellent DC precision and outstanding
AC performance, making it a top choice for a wide variety of
signal chain applications. By integrating a robust mux-compatible
architecture, the ADA4510-2 effectively solves common system
distortion and settling problems and provides the superior accuracy
required in multiplexed multichannel precision signal chains. The
ADA4510-2 is specified from −40°C to +85°C and −40°C to +125°C
and is available in an 8-lead, SOIC_N and 8-lead, MSOP.
Figure 1. Ultralow Offset Voltage Drift for Precision Design
TYPICAL APPLICATION CIRCUIT
Figure 2. Multiplexed Data Acquisition Signal Chain
1 Protected by U.S. patent number 11,329,612; other patents pending.


Similar Part No. - ADA4510-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4511-2 AD-ADA4511-2 Datasheet
2Mb / 28P
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
ADA4511-2ARMZ AD-ADA4511-2ARMZ Datasheet
2Mb / 28P
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
ADA4511-2ARMZ-R7 AD-ADA4511-2ARMZ-R7 Datasheet
2Mb / 28P
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
ADA4511-2ARMZ-RL AD-ADA4511-2ARMZ-RL Datasheet
2Mb / 28P
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
ADA4511-2ARZ AD-ADA4511-2ARZ Datasheet
2Mb / 28P
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
More results

Similar Description - ADA4510-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
RH1498 LINER-RH1498_15 Datasheet
371Kb / 2P
10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com