Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4510-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADA4510-2
APPLICATIONS INFORMATION
analog.com
Rev. B | 27 of 32
Figure 83. Error (LSB) vs. Switching Rate, 8-Channel 10 V Step
Figure 83 shows the error in LSB vs. switching rate for an 8-chan-
nel 10 V step mux data acquisition system. An LSB error <1 is
achieved up to 570 kHz switching rate.
TRANSIMPEDANCE AMPLIFIER
The ADA4510-2 is an excellent choice for low noise transimpe-
dance amplifier (TIA) applications. The low voltage and current
noise of the ADA4510-2 maximize signal-to-noise ratio (SNR), and
the low VOS and IB of the ADA4510-2 minimize the DC error at the
amplifier output.
Common applications for current-to-voltage conversion include pho-
todiode circuits where the amplifier converts a current emitted
by a diode placed at the negative input terminal into an output
voltage. Some photodiode applications include fiber optic controls,
motion sensors, and barcode readers. The circuit shown in Figure
84 shows one channel of the ADA4510-2 as a current-to-voltage
converter with an electrical model of a photodiode.
Figure 84. Equivalent TIA Circuit
Photodiodes operate in either photovoltaic mode (zero bias) or
photoconductive mode (with an applied reverse-bias across the
diode). Mode selection depends on the speed and dark current
requirements of the application and the choice of photodiode. In
photovoltaic mode, the dark current is at a minimum and is prefer-
red for low frequency and/or low light level applications (that is,
PN photodiodes). Photoconductive mode is better for applications
that require faster and linear responses (that is, PIN photodiodes);
however, the tradeoffs include increases in dark and noise currents.
The following transfer function describes the transimpedance gain
of Figure 84:
VOUT = IDRF1+sCFRF
(1)
where:
VOUT is the desired output DC voltage of the op amp.
ID is the output current of the photodiode.
RF is the feedback resistor.
CF is the feedback capacitor.
The parallel combination of RF and CF sets the signal bandwidth.
s is the complex frequency variable jω.
j is the imaginary unit.
ω is the angular frequency.
Set RF such that the maximum attainable VOUT corresponds to the
maximum diode IOUT. Because signal levels increase directly with
RF, while the noise due to RF increases with the square root of the
resistor value, employing the full output swing maximizes the SNR.
It is important to distinguish between the transimpedance gain and
the loop gain, because the loop gain characteristics determine the
net circuit stability. The closed-loop transfer function takes the form
shown in the following equation:
VOUTVIN
= A1+Aβ
(2)
where:
A is the open loop gain of the amplifier.
β is the feedback network.
Aβ is the loop gain.
In this application β is given by the following:
β= RSHRSH+RF 1+sRFCF
1+sRF∥RSH CIN+CF
(3)
where:
RSH is the diode shunt resistance.
CIN is the total input capacitance consisting of the sum of the diode
shunt capacitance (CPD), the input capacitance of the amplifier
(CDM + CCM), and the external stray capacitance.
CIN, RF, CF, and RSH produce a zero in the 1/β transfer function.
The zero frequency (fZ) is as in the equation that follows:
fZ= 1
2π RF∥RSH CIN+CF
(4)
Because the photodiode shunt resistance RSH >> RF, the circuit
behavior is not impacted by the effect of the junction resistance,
and fZ simplifies to the following:
fZ= 1
2πRF(CIN+CF)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com