Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4510-2ARZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4510-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4510-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Data Sheet
ADA4510-2
SPECIFICATIONS
analog.com
Rev. B | 4 of 32
ELECTRICAL SPECIFICATIONS FOR TA = −40°C TO +85°C
Supply voltage (VSY) = (V+) − (V−) = ±3 V to ±20 V, common-mode voltage (VCM) = 0 V, load resistor (RL) = 10 kΩ to midsupply, unless
otherwise noted.
Table 1. Electrical Specifications for TA = −40°C to +85°C
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (VOS)1
VCM = 0 V, TA = 25°C
±5
±20
μV
0°C < TA < +85°C, SOIC_N
±40
μV
0°C < TA < +85°C, MSOP
±50
μV
−40°C < TA < +85°C
±50
μV
VCM = (V+) − 1.5 V, TA = 25°C
±10
±40
μV
0°C < TA < +85°C, SOIC_N
±60
μV
0°C < TA < +85°C, MSOP
±80
μV
−40°C < TA < +85°C, SOIC_N
±120
μV
−40°C < TA < +85°C, MSOP
±140
μV
VCM = (V−) − 0.15 V, TA = 25°C
±8
±35
μV
0°C < TA < +85°C
±90
μV
−40°C < TA < +85°C
±110
μV
Offset Voltage Drift (ΔVOS/ΔT)
VCM = 0 V
0°C < TA < +85°C, SOIC_N
±0.07
±0.5
µV/°C
0°C < TA < +85°C, MSOP
±0.14
±0.7
µV/°C
−40°C < TA < +85°C, SOIC_N
±0.12
±0.5
µV/°C
−40°C < TA < +85°C, MSOP
±0.15
±0.75
µV/°C
VCM = (V+) − 1.5 V
0°C < TA < +85°C, SOIC_N
±0.1
±0.7
µV/°C
0°C < TA < +85°C, MSOP
±0.16
±0.9
µV/°C
−40°C < TA < +85°C, SOIC_N
±0.15
±1.0
µV/°C
−40°C < TA < +85°C, MSOP
±0.18
±1.2
µV/°C
Input Bias Current (IB)
TA = 25°C
±2.5
±10
pA
−40°C < TA < +85°C
±0.8
nA
Input Offset Current (IOS)
TA = 25°C
±0.5
±5
pA
−40°C < TA < +85°C
±0.15
nA
Input Voltage Range (IVR)
Guaranteed by CMRR
(V−) – 0.15
V+
V
Common-Mode Rejection Ratio
(CMRR)
−20.15 V < VCM < 17 V, TA = 25°C
121
140
dB
−40°C < TA < +85°C
118
dB
–20.15 V < VCM < 20 V, TA = 25°C
100
112
dB
−40°C < TA < +85°C
100
dB
99
dB
Open-Loop Voltage Gain (AVOL)
RL = 10 kΩ, −19.7 V < VOUT < 19.7 V, TA = 25°C
126
140
dB
−40°C < TA < +85°C
124
dB
RL = 2 kΩ, −19.1 V < VOUT < 19.1 V, TA = 25°C
121
134
dB
−40°C < TA < +85°C
120
dB
Input Capacitance
Differential Mode (CINDM)
TA = 25°C
20
pF
Common Mode (CINCM)
TA = 25°C, VSY = ±5 V to ±20 V
2
pF
Input Resistance
Differential Mode (RINDM)
TA = 25°C
1
TΩ
Common Mode (RINCM)
TA = 25°C
10
TΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com