Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4511-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADA4511-2
OUTLINE DIMENSIONS
analog.com
Rev. A | 27 of 28
Figure 89. 8-Lead Standard Small-Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions Shown in millimeters and (inches)
Figure 90. 8-Lead Mini Small Outline Package [MSOP]
Narrow Body
(RM-8)
Dimensions Shown in millimeters and (inches)
Updated: January 24, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADA4511-2ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
Tube, 98
R-8
ADA4511-2ARZ-R7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
Reel, 1000
R-8
ADA4511-2ARZ-RL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
Reel, 2500
R-8
ADA4511-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
Tube, 50
RM-8
ADA4511-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
Reel, 1000
RM-8
ADA4511-2ARMZ-RL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
Reel, 3000
RM-8
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com