Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4511-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADA4511-2
THEORY OF OPERATION
analog.com
Rev. A | 21 of 28
CAPACITIVE LOAD DRIVE CAPABILITY
The ADA4511-2 is stable with any capacitive load up to 1 nF. This
is accomplished by dynamically sensing the load-induced output
pole and adjusting the compensation at the internal gain node
of the amplifier. As the capacitive load increases, the bandwidth
decreases. The phase margin may increase or decrease with differ-
ent capacitive loads, so there may be overshoot in the transient
response for some capacitive loads (see Figure 59 and Figure 62).
Coaxial cable less than 1 nF can be driven directly, but, for best
pulse fidelity, the cable must be properly terminated by placing a
resistor of a value equal to the characteristic impedance of the
cable (for example 50 Ω) in series with the output. The other end
of the cable must be terminated with the same value resistor to
ground.
Figure 59 and Figure 62 show the overshoot of the ADA4511-2 with
various capacitive loads in unity gain and gain of −1 configurations.
To further improve the capacitive load drive of the ADA4511-2,
an isolation resistor (RISO) may be used in series with the output
to significantly reduce the overshoot and ringing to stabilize the
amplifier.
Table 6. Capacitive Load Drive at Various RISO
Capacitive Load
100 pF
1000 pF
RISO
0 Ω
24.9 Ω 49.9 Ω 0 Ω
24.9 Ω 49.9 Ω
Positive Overshoot
Percent
42%
38%
35%
68%
32%
18%
Negative Overshoot
Percent
43%
38%
30%
71%
29%
19%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com