Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4511-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADA4511-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 6 of 28
Table 2. Absolute Maximum Ratings
Parameter
Rating
VSY ((V+) − (V−))
−0.3 V to +45 V
Input VCM
(+IN A, −IN A, +IN B, −IN B) − (V−)
−0.3 V to +45 V
(+IN A, −IN A, +IN B, −IN B) − (V+)
+0.3 V to −45 V
Differential Input Voltage
(+IN A) − (−IN A), (+IN B) − (−IN B)
±45 V
Input Current
±10 mA
Output Short-Circuit Duration1
Continuous
Temperature Range
Storage
−65°C to +150°C
Operating
−40°C to +125°C
TJ
150°C
Lead (soldering, 10 seconds)
300°C
TC
260°C
1 A heatsink may be required to keep the TJ below the absolute maximum rating
when the output is shorted indefinitely.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJC is the junction-to-case thermal resistance.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
R-8
108.5
34.12
°C/W
RM-8
141.24
51.87
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-2017.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002-2018.
ESD Ratings for ADA4511-2
Table 4. ADA4511-2, 8-Lead SOIC_N, 8-Lead MSOP
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
FICDM
±400
C1
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com