Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4511-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADA4511-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 22 of 28
MUX-COMPATIBLE DATA ACQUISITION
SYSTEM
Data acquisition in multichannel systems can be accomplished by
multiplexing as shown in Figure 76. This technique is very popular
in instrumentation, industrial process control, and automated test
equipment (ATE), because it reduces the number of components
needed to sense multiple sensors, which saves significant power,
size, and cost.
Figure 76. Multiplexed Data Acquisition System
One risk in designing this system is the possibility of exposing
the buffer amplifier to a large differential voltage due to the fast
switching from a large positive voltage to a large negative voltage
by the mux. If the buffer amplifier is not chosen properly, it may
experience a large inrush current that can degrade the performance
of the system or, worse, permanently damage the part.
The ADA4511-2 solves this problem using a robust mux-compatible
architecture that can tolerate large differential voltages up to the
supply rails without the use of differential back-to-back diodes.
This significantly reduces inrush current, improves settling and
distortion performance without experiencing any input loading effect
compared to classic op amps with back-to-back diodes, as shown
in Figure 77.
Figure 77. ADA4511-2 Inrush Current Reduction
Design Example
The circuit shown in Figure 78 is a classic multichannel data
acquisition signal chain consisting of a mux, amplifiers, and an
analog-to-digital converter (ADC). The architecture allows fast sam-
pling of multiple channels using a single ADC, which provides low
cost and excellent channel-to-channel matching. Channel-to-chan-
nel switching speed is limited by the settling time of the various
components following the mux in the signal chain, because the
mux can present a full-scale step VOUT to the downstream amplifier
and the ADC. The components in this circuit have been specifically
chosen to minimize settling time and maximize channel-to-channel
switching speed.
Figure 78. 16-bit, 8-Channel, Single-Ended to Differential, Multiplexed Data
Acquisition System
This circuit operates in continuous switching mode. The multiplexer
ADG5408 switches continuously with a switching rate that is in
sync with the ADC conversion cycle. The signal is buffered by
the ADA4511-2 and drives to the AD8475, which attenuates, level
shifts, and converts the signal from single-ended to a differential
output. An RC filter is used at the input of the ADC to minimize
out-of-band noise and attenuate the kickback from the switched
capacitor at the ADC input.
To calculate the settling time, the circuit can be divided into parts
shown in Figure 79.
Figure 79. Block Diagram for Settling Time Analysis
The entire settling time is then approximated as the root-sum-
square (RSS) of the settling time of each stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com