Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4511-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
ADA4511-2
THEORY OF OPERATION
analog.com
Rev. A | 20 of 28
Figure 75. Simplified Schematic
The ADA4511-2 is a dual-channel, low-power, rail-to-rail input
and output, precision complementary metal-oxide semiconductor
(CMOS) op amp that operates over a wide supply voltage range of
6 V to 40 V.
INPUT AND GAIN STAGES
Figure 75 shows the simplified circuit diagram for the ADA4511-2.
The input architecture provides high-impedance, rail-to-rail differ-
ential and common-mode input swing, low noise, low-input bias
current, and low-offset voltage.
An integrated EMI filter increases the signal robustness and helps
prevent EMI signals from coupling into the amplifier. Depending
on the input common-mode voltage, either the negative channel
metal-oxide semiconductor (NMOS) or the positive channel metal-
oxide semiconductor (PMOS) input stage can be active at any time.
The low-offset voltage and low-offset voltage drift specifications are
possible by trimming both the NMOS and PMOS input stages.
The ADA4511-2 includes circuitry that extends the linear input
range, which provides higher slew rates than a traditional input
differential pair and improves the THD. The wide gain bandwidth
product of 10.4 MHz is achieved through internal Miller compensa-
tion.
OUTPUT STAGE
The output of the ADA4511-2 swings rail-to-rail to within 100 mV
of either supply rail. A capacitive load compensation block senses
the load capacitor and adds additional phase margin, if required,
to drive a large capacitor (at least 1 nF) and maintain amplifier
stability.
EMI REJECTION
High-frequency EMI is a threat to precision amplifier performance
in an intended application. Op amps must accurately amplify input
signals despite low signal strength and long transmission lines. All
op amp pins are susceptible to EMI signals. These high-frequency
signals are coupled into an op amp by various means, such as
conduction, near-field radiation, or far-field radiation. For example,
wires and PCB traces act as antennas to pick up high-frequency
EMI signals.
Op amps do not amplify EMI or RF signals due to the relatively low
bandwidth of the amplifier. However, due to the nonlinearities of the
input devices, op amps can rectify these out-of-band signals, which
then appear as a DC offset at the output.
The ADA4511-2 is designed with integrated EMI filters at the
input stage of the op amp. The EMIRR describes the ability of
the ADA4511-2 to perform as intended in the presence of electro-
magnetic energy. The EMIRR is specified for the noninverting pin
in Electrical Specifications. A mathematical method of measuring
EMIRR is defined as follows:
EMIRR=20 log×
∆VIN−PEAK/∆VOS (1)
The EMIRR performance of the ADA4511-2 is shown in Figure 26.
NO PHASE INVERSION
The ADA4511-2 does not suffer from output voltage phase reversal
that occurs in some op amps when the specified input VCM range is
exceeded. Output voltage phase reversal causes the output voltage
to swing to the opposite rail until the input comes back within
the common-mode range. Typically, the inputs of conventional op
amps fail to reach or exceed the common-mode limit toward the
negative range. Phase-reversal is most often associated with junc-
tion field effect transistor (JFET) and/or bipolar field effect transistor
(BiFET) amplifiers, but some bipolar single-supply amplifiers are
also susceptible phase-reversal. The ADA4511-2 guarantees no
phase inversion beyond the entire specified input VCM range all the
way to the absolute maximum input voltage limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com