Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4511-2ARZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4511-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4511-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADA4511-2
SPECIFICATIONS
analog.com
Rev. A | 4 of 28
ELECTRICAL SPECIFICATIONS
V+ = +20 V, V− = −20 V, common-mode voltage (VCM) = 0 V, load resistor (RL) = 10 kΩ to midsupply, ambient temperature (TA) = 25°C, unless
otherwise noted.
Table 1. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (VOS)
VCM = 0 V, (V+) − 1.5 V
±25
±75
μV
Offset Voltage Drift (ΔVOS/ΔT)
VCM = 0 V
−40°C < TA < +125°C
±0.4
±2
µV/°C
VCM = (V+) − 1.5 V
−40°C < TA < +125°C, SOIC_N
±0.7
±4.4
µV/°C
−40°C < TA < +125°C, MSOP
±0.9
±5
µV/°C
Input Bias Current (IB)
±4
±10
pA
−40°C < TA < +85°C
±0.8
nA
−40°C < TA < +125°C, SOIC_N
±18
nA
−40°C < TA < +125°C, MSOP
±45
nA
Input Offset Current (IOS)
±1.5
±5
pA
−40°C < TA < +85°C
±0.15
nA
−40°C < TA < +125°C
±5
nA
Input Voltage Range (IVR)
CMRR > 99 dB
(V−) − 0.15
V+
V
Common-Mode Rejection Ratio
(CMRR)
−20.15 V < VCM < 17 V
121
140
dB
−40°C < TA < +125°C, −20 V < VCM < 17 V
109
dB
Open-Loop Voltage Gain (AVOL)
RL = 10 kΩ, −19.7 V < VOUT < 19.7 V
126
140
dB
−40°C < TA < +125°C
112
dB
RL = 2 kΩ, −19.1 V < VOUT < 19.1 V
121
134
dB
−40°C < TA < +125°C
106
dB
Input Capacitance
Differential Mode (CINDM)
20
pF
Common Mode (CINCM)
2
pF
Input Resistance
Differential Mode (RINDM)
1
TΩ
Common Mode (RINCM)
10
TΩ
NOISE PERFORMANCE
Voltage Noise (en p-p)
0.1 Hz to 10 Hz
1
µV p-p
0.1 Hz to 10 Hz, VCM = (V+) − 1.5 V
2.7
µV p-p
Voltage Noise Density (en)
f = 100 Hz
8
nV/√Hz
f = 1 kHz
5
nV/√Hz
f = 100 Hz, VCM = (V+) − 1.5 V
20
nV/√Hz
f = 1 kHz, VCM = (V+) − 1.5 V
10
nV/√Hz
Current Noise Density (In)
f = 10 Hz
4
fA/√Hz
OUTPUT CHARACTERISTICS
Output Swing High (VOH)
((V+) − VOUT)
RL = 10 kΩ
100
116
mV
RL = 2 kΩ
430
473
mV
Output Swing Low (VOL)
(VOUT − (V−))
RL = 10 kΩ
73
85
mV
RL = 2 kΩ
310
342
mV
Output Current (IOUT)
(VOH, VOL) < 1 V
±22
mA
Short-Circuit Current (ISC)
Sourcing/sinking
55/70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com