Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 33Page - Renesas Technology Corp R8C2F Datasheet HTML 34Page - Renesas Technology Corp R8C2F Datasheet HTML 35Page - Renesas Technology Corp R8C2F Datasheet HTML 36Page - Renesas Technology Corp R8C2F Datasheet HTML 37Page - Renesas Technology Corp R8C2F Datasheet HTML 38Page - Renesas Technology Corp R8C2F Datasheet HTML 39Page - Renesas Technology Corp R8C2F Datasheet HTML 40Page - Renesas Technology Corp R8C2F Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
R8C/2E Group, R8C/2F Group
5. Resets
Rev.1.00
Dec 14, 2007
Page 24 of 332
REJ09B0349-0100
5.
Resets
The following resets are implemented: hardware reset, power-on reset, voltage monitor 1 reset, voltage monitor 2 reset,
watchdog timer reset, and software reset.
Table 5.1 lists the Reset Names and Sources. Figure 5.1 shows the Block Diagram of Reset Circuit.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset
VCC rises
Voltage monitor 1 reset
VCC falls (monitor voltage: Vdet1)
Voltage monitor 2 reset
VCC falls (monitor voltage: Vdet2)
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
SFRs
b5 bit in VCA2
register
SFRs
Bits VCA13, VCA26, VCA27,
VW1C2, VW1C3,
VW2C2, VW2C3
Pin, CPU, and
SFR bits other than
those listed above
VCC
Hardware reset
Power-on reset
Voltage monitor 1 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA26, VCA27: Bits in VCA2 register
VW1C2, VW1C3: Bits in VW1C register
VW2C2, VW2C3: Bits in VW2C register
Voltage monitor 2
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com