Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 18Page - Renesas Technology Corp R8C2F Datasheet HTML 19Page - Renesas Technology Corp R8C2F Datasheet HTML 20Page - Renesas Technology Corp R8C2F Datasheet HTML 21Page - Renesas Technology Corp R8C2F Datasheet HTML 22Page - Renesas Technology Corp R8C2F Datasheet HTML 23Page - Renesas Technology Corp R8C2F Datasheet HTML 24Page - Renesas Technology Corp R8C2F Datasheet HTML 25Page - Renesas Technology Corp R8C2F Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
R8C/2E Group, R8C/2F Group
1. Overview
Rev.1.00
Dec 14, 2007
Page 6 of 332
REJ09B0349-0100
1.2
Product List
Table 1.5 lists Product List for R8C/2E Group, Figure 1.1 shows a Part Number, Memory Size, and Package of
R8C/2E Group, Table 1.6 lists Product List for R8C/2F Group, and Figure 1.2 shows a Part Number, Memory Size,
and Package of R8C/2F Group.
NOTE:
1. The user ROM is programmed before shipment.
Figure 1.1
Part Number, Memory Size, and Package of R8C/2E Group
Table 1.5
Product List for R8C/2E Group
Current of Dec. 2007
Part No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F212E2NFP
8 Kbytes
512 bytes
PLQP0032GB-A
N version
R5F212E4NFP
16 Kbytes
1 Kbyte
PLQP0032GB-A
R5F212E2DFP
8 Kbytes
512 bytes
PLQP0032GB-A
D version
R5F212E4DFP
16 Kbytes
1 Kbyte
PLQP0032GB-A
R5F212E2NXXXFP
8 Kbytes
512 bytes
PLQP0032GB-A
N version
Factory programming
product(1)
R5F212E4NXXXFP
16 Kbytes
1 Kbyte
PLQP0032GB-A
R5F212E2DXXXFP
8 Kbytes
512 bytes
PLQP0032GB-A
D version
Factory programming
product(1)
R5F212E4DXXXFP
16 Kbytes
1 Kbyte
PLQP0032GB-A
Part No.
R 5 F 21 2E 2 N XXX FP
Package type:
FP: PLQP0032GB-A
ROM number (only factory programming product)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
2: 8 KB
4: 16 KB
R8C/2E Group
R8C/Tiny Series
Memory type
F: Flash memory version
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com