Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 14Page - Renesas Technology Corp R8C2F Datasheet HTML 15Page - Renesas Technology Corp R8C2F Datasheet HTML 16Page - Renesas Technology Corp R8C2F Datasheet HTML 17Page - Renesas Technology Corp R8C2F Datasheet HTML 18Page - Renesas Technology Corp R8C2F Datasheet HTML 19Page - Renesas Technology Corp R8C2F Datasheet HTML 20Page - Renesas Technology Corp R8C2F Datasheet HTML 21Page - Renesas Technology Corp R8C2F Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
R8C/2E Group, R8C/2F Group
1. Overview
Rev.1.00
Dec 14, 2007
Page 2 of 332
REJ09B0349-0100
1.1.2
Specifications
Tables 1.1 and 1.2 outlines the Specifications for R8C/2E Group and Tables 1.3 and 1.4 outlines the
Specifications for R8C/2F Group.
Table 1.1
Specifications for R8C/2E Group (1)
Item
Function
Specification
CPU
Central
processing unit
R8C/Tiny series core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operation mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM
Refer to Table 1.5 Product List for R8C/2E Group.
Power Supply
Voltage
Detection
Voltage
detection circuit
• Power-on reset
• Voltage detection 2
I/O Ports
Programmable
I/O ports
• Input-only: 3 pins
• CMOS I/O ports: 25, selectable pull-up resistor
• High current drive ports: 8
Clock
Clock generation
circuits
2 circuits: XIN clock oscillation circuit (with on-chip feedback resistor),
On-chip oscillator (high-speed, low-speed)
(high-speed on-chip oscillator has a frequency adjustment
function)
• Oscillation stop detection: XIN clock oscillation stop detection
function
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (high-speed clock, high-speed on-chip
oscillator, low-speed on-chip oscillator), wait mode, stop mode
Interrupts
• External: 4 sources, Internal: 13 sources, Software: 4 sources
• Priority levels: 7 levels
Watchdog Timer
15 bits × 1 (with prescaler), reset start selectable
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted
every period), event counter mode, pulse width measurement mode,
pulse period measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation
mode (PWM output), programmable one-shot generation mode,
programmable wait one-shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM
mode (output 3 pins), PWM2 mode (PWM output pin)
Timer RE
8 bits × 1
Output compare mode
Serial
Interface
UART0
Clock synchronous serial I/O/UART × 1
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 12 channels, includes sample and hold function
D/A Converter
8-bit resolution × 2 circuits
Comparator
2 circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com