Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 11Page - Renesas Technology Corp R8C2F Datasheet HTML 12Page - Renesas Technology Corp R8C2F Datasheet HTML 13Page - Renesas Technology Corp R8C2F Datasheet HTML 14Page - Renesas Technology Corp R8C2F Datasheet HTML 15Page - Renesas Technology Corp R8C2F Datasheet HTML 16Page - Renesas Technology Corp R8C2F Datasheet HTML 17Page - Renesas Technology Corp R8C2F Datasheet HTML 18Page - Renesas Technology Corp R8C2F Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
B - 3
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
123
0101h
Timer RA I/O Control Register
TRAIOC
123, 125, 128,
130, 132, 135
0102h
Timer RA Mode Register
TRAMR
124
0103h
Timer RA Prescaler Register
TRAPRE
124
0104h
Timer RA Register
TRA
124
0105h
0106h
LIN Control Register
LINCR
226
0107h
LIN Status Register
LINST
227
0108h
Timer RB Control Register
TRBCR
139
0109h
Timer RB One-Shot Control Register
TRBOCR
139
010Ah
Timer RB I/O Control Register
TRBIOC
140, 142, 146,
149, 153
010Bh
Timer RB Mode Register
TRBMR
140
010Ch
Timer RB Prescaler Register
TRBPRE
141
010Dh
Timer RB Secondary Register
TRBSC
141
010Eh
Timer RB Primary Register
TRBPR
141
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Counter Data Register
TRESEC
203
0119h
Timer RE Compare Data Register
TREMIN
203
011Ah
011Bh
011Ch
Timer RE Control Register 1
TRECR1
203
011Dh
Timer RE Control Register 2
TRECR2
204
011Eh
Timer RE Clock Source Select Register
TRECSR
204
011Fh
0120h
Timer RC Mode Register
TRCMR
162
0121h
Timer RC Control Register 1
TRCCR1
163, 186, 190,
195
0122h
Timer RC Interrupt Enable Register
TRCIER
164
0123h
Timer RC Status Register
TRCSR
165
0124h
Timer RC I/O Control Register 0
TRCIOR0
170, 179, 184
0125h
Timer RC I/O Control Register 1
TRCIOR1
170, 180, 185
0126h
Timer RC Counter
TRC
166
0127h
0128h
Timer RC General Register A
TRCGRA
166
0129h
012Ah
Timer RC General Register B
TRCGRB
166
012Bh
012Ch
Timer RC General Register C
TRCGRC
166
012Dh
012Eh
Timer RC General Register D
TRCGRD
166
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
167
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
168
0132h
Timer RC Output Master Enable Register
TRCOER
169
0133h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh
0140h
0141h
0142h
0143h
0144h
0145h
0146h
0147h
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
0153h
0154h
0155h
0156h
0157h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h
0161h
0162h
0163h
0164h
0165h
0166h
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com