Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 10Page - Renesas Technology Corp R8C2F Datasheet HTML 11Page - Renesas Technology Corp R8C2F Datasheet HTML 12Page - Renesas Technology Corp R8C2F Datasheet HTML 13Page - Renesas Technology Corp R8C2F Datasheet HTML 14Page - Renesas Technology Corp R8C2F Datasheet HTML 15Page - Renesas Technology Corp R8C2F Datasheet HTML 16Page - Renesas Technology Corp R8C2F Datasheet HTML 17Page - Renesas Technology Corp R8C2F Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
B - 2
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
008Ch
008Dh
008Eh
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
210
00A1h
UART0 Bit Rate Register
U0BRG
210
00A2h
UART0 Transmit Buffer Register
U0TB
209
00A3h
00A4h
UART0 Transmit / Receive Control Register 0
U0C0
211
00A5h
UART0 Transmit / Receive Control Register 1
U0C1
212
00A6h
UART0 Receive Buffer Register
U0RB
209
00A7h
00A8h
00A9h
00AAh
00ABh
00ACh
00ADh
00AEh
00AFh
00B0h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
00BCh
00BDh
00BEh
00BFh
Address
Register
Symbol
Page
00C0h
A/D Register
AD
242
00C1h
00C2h
00C3h
00C4h
00C5h
00C6h
00C7h
00C8h
00C9h
00CAh
00CBh
00CCh
00CDh
00CEh
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Control Register 2
ADCON2
242
00D5h
00D6h
A/D Control Register 0
ADCON0
241
00D7h
A/D Control Register 1
ADCON1
242
00D8h
D/A Register 0
DA0
254
00D9h
00DAh
D/A Register 1
DA1
254
00DBh
00DCh
D/A Control Register
DACON
254
00DDh
00DEh
00DFh
00E0h
Port P0 Register
P0
49
00E1h
Port P1 Register
P1
49
00E2h
Port P0 Direction Register
PD0
48
00E3h
Port P1 Direction Register
PD1
48
00E4h
00E5h
Port P3 Register
P3
49
00E6h
00E7h
Port P3 Direction Register
PD3
48
00E8h
Port P4 Register
P4
49
00E9h
Port P5 Register
P5
49
00EAh
Port P4 Direction Register
PD4
48
00EBh
Port P5 Direction Register
PD5
48
00ECh
00EDh
00EEh
00EFh
00F0h
00F1h
00F2h
00F3h
00F4h
00F5h
00F6h
Pin Select Register 2
PINSR2
50
00F7h
Pin Select Register 3
PINSR3
50
00F8h
Port Mode Register
PMR
50, 212
00F9h
External Input Enable Register
INTEN
104
00FAh
INT Input Filter Select Register
INTF
105
00FBh
Key Input Enable Register
KIEN
108
00FCh
Pull-Up Control Register 0
PUR0
51
00FDh
Pull-Up Control Register 1
PUR1
51
00FEh
Port P1 Drive Capacity Control Register
P1DRR
51
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com