Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2F Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R8C2F
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2F Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R8C2F Datasheet HTML 33Page - Renesas Technology Corp R8C2F Datasheet HTML 34Page - Renesas Technology Corp R8C2F Datasheet HTML 35Page - Renesas Technology Corp R8C2F Datasheet HTML 36Page - Renesas Technology Corp R8C2F Datasheet HTML 37Page - Renesas Technology Corp R8C2F Datasheet HTML 38Page - Renesas Technology Corp R8C2F Datasheet HTML 39Page - Renesas Technology Corp R8C2F Datasheet HTML 40Page - Renesas Technology Corp R8C2F Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
R8C/2E Group, R8C/2F Group
5. Resets
Rev.1.00
Dec 14, 2007
Page 25 of 332
REJ09B0349-0100
Table 5.2 shows the Pin Functions while RESET Pin Level is “L”, Figure 5.2 shows the CPU Register Status after
Reset, Figure 5.3 shows the Reset Sequence, and Figure 5.4 shows the OFS Register.
Figure 5.2
CPU Register Status after Reset
Figure 5.3
Reset Sequence
Table 5.2
Pin Functions while RESET Pin Level is “L”
Pin Name
Pin Functions
P0, P1
Input port
P3_1, P3_3 to P3_7
Input port
P4_2, P4_5 to P4_7
Input port
P5_3, P5_4
Input port
b19
b0
Interrupt table register(INTB)
Program counter(PC)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Content of addresses 0FFFEh to 0FFFCh
Flag register(FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data register(R0)
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A0)
Address register(A1)
Frame base register(FB)
00000h
0000h
0000h
0000h
0000h
Start time of flash memory
(CPU clock
× 14 cycles)
0FFFCh
0FFFEh
0FFFDh
Content of reset vector
CPU clock
Address
(internal address
signal)
NOTES:
1. Hardware reset.
2. When the “L” input width to the RESET pin is set to fOCO-S clock
× 32 cycles or more, setting the RESET pin to “H” also sets the internal
reset signal to “H” at the same.
CPU clock
× 28 cycles
fOCO-S clock
× 32 cycles(2)
fOCO-S
Internal reset
signal
RESET pin
10 cycles or more are needed(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com