Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADL5565
Data Sheet
Rev. G | Page 6 of 26
5 V SPECIFICATIONS
VS = 5.0 V, VCM = 2.5 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 100 MHz, TA = 25°C; parameters specified
ac-coupled differential input and differential output, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV = 6 dB, VOUT ≤ 1.0 V p-p
7000
MHz
AV = 12 dB, VOUT ≤ 1.0 V p-p
6750
MHz
AV = 15.5 dB, VOUT ≤ 1.0 V p-p
6500
MHz
Bandwidth for 0.1 dB Flatness
VOUT ≤ 1.0 V p-p
1000
MHz
Gain Accuracy
±1
dB
Gain Supply Sensitivity
VS ± 5%
1.6
mdB/V
Gain Temperature Sensitivity
−40°C to +85°C
0.37
mdB/°C
Slew Rate
Rise, AV = 15.5 dB, RL = 200 Ω,
VOUT = 2 V step
11
V/ns
Fall, AV = 15.5 dB, RL = 200 Ω,
VOUT = 2 V step
11
V/ns
Settling Time
2 V step to 1%
2
ns
Overdrive Recovery Time
VIN = 4 V to 0 V step, VOUT ≤ ±10 mV
<3
ns
Reverse Isolation (S12)
70
dB
INPUT/OUTPUT CHARACTERISTICS
Input Common-Mode Range
AV = 6 dB, 12 dB, and 15.5 dB
1.2 to 3.8
V
Output Common-Mode Range
1.4 to 3
V
Maximum Output Voltage Swing
1 dB compressed
8
V p-p
Output Common-Mode Offset
Referenced to VCC/2
−100
+20
mV
Output Common-Mode Drift
−40°C to +85°C
0.4
mV/°C
Output Differential Offset Voltage
−20
+20
mV
CMRR
60
dB
Output Differential Offset Drift
−40°C to +85°C
1.5
mV/°C
Input Bias Current
±5
µA
Input Resistance (Differential)
AV = 6 dB
200
Ω
AV = 12 dB
100
Ω
AV = 15.5 dB
67
Ω
Input Resistance (Single-Ended)
AV = 5.6 dB
158
Ω
AV = 11.1 dB
96
Ω
AV = 14.1 dB
74
Ω
Input Capacitance (Single-Ended)
0.3
pF
Output Resistance (Differential)
10
Ω
POWER INTERFACE
Supply Voltage
2.8
5
5.2
V
ENBL Threshold
Device disabled, ENBL low
0.6
V
Device enabled, ENBL high
1.5
V
ENBL Input Bias Current
ENBL high
1
µA
ENBL low
−250
µA
Quiescent Current
ENBL high
80
mA
ENBL low
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com