Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADL5565
Rev. G | Page 21 of 26
By designing a narrow band-pass antialiasing filter between the
ADL5565 and the target ADC, the output noise of the ADL5565
outside of the intended Nyquist zone can be attenuated, helping
to preserve the available SNR of the ADC. In general, the SNR
improves several decibels when including a reasonable order anti-
aliasing filter. In this example, a low loss 1:1 input transformer is
used to match the ADL5565 balanced input to a 50 Ω unbalanced
source, resulting in minimum insertion loss at the input.
Figure 41 is optimized for driving some of Analog Devices popular
ADCs, such as the AD9467. Table 11 includes antialiasing filter
component recommendations for popular IF sampling frequencies.
Inductor L5 works in parallel with the on-chip ADC input
capacitance and a portion of the capacitance presented by C4 to
form a resonant tank circuit. The resonant tank helps to ensure
that the ADC input looks like a real resistance at the target center
frequency. The inductor, L5, shorts the ADC inputs at dc, which
introduces a zero into the transfer function. In addition, the ac
coupling capacitors introduce additional zeros into the transfer
function. The final overall frequency response takes on a band-
pass characteristic, helping to reject noise outside of the intended
Nyquist zone. Table 11 provides initial suggestions for proto-
typing purposes. Some empirical optimization may be needed
to help compensate for actual PCB parasitics.
105Ω
L5
105Ω
AD9467
1nF
L1
C2
L3
1nF
L1
L3
C4
CML
ADL5565
4Ω
4Ω
Figure 41. Narrow-Band IF Sampling Solution for an ADC Application
Table 11. Interface Filter Recommendations for Various IF Sampling Frequencies
Center Frequency (MHz)
1 dB Bandwidth (MHz)
L1 (nH)
C2 (pF)
L3 (nH)
C4 (pF)
L5 (nH)
96
30
3.3
47
27
75
82
140
40
3.3
47
27
27
150
170
32
3.3
56
27
18
120
211
33
3.3
47
27
15
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com