Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADL5565
Rev. G | Page 11 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, VCM = 1.65 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 100 MHz, TA = 25°C; parameters specified
ac-coupled differential input and differential output, unless otherwise noted.
–25
–20
–15
–10
–5
0
5
10
15
20
25
10
100
1000
10000
FREQUENCY (MHz)
AV = 15dB
AV = 12dB
AV = 6dB
Figure 3. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB, VPOS = 3.3 V and VPOS = 5 V, 25°C
–20
–15
–10
–5
0
5
10
15
20
10
100
10000
1000
FREQUENCY (MHz)
–40°C
+85°C
+25°C
+100°C
Figure 4. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, Four Temperatures, VPOS = 3.3 V, 25°C
10
100
10000
1000
FREQUENCY (MHz)
–25
–20
–15
–10
–5
0
5
10
15
20
–40°C
+25°C
+85°C
+100°C
Figure 5. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, Four Temperatures, VPOS = 5 V, 25°C
0
5
10
15
20
25
0
50
100
150
200
250
FREQUENCY (MHz)
AV = 15.5dB
AV = 12dB
AV = 6dB
Figure 6. OP1dB vs. Frequency at Three Gains,
25°C, 200 Ω Differential Load, VPOS = 3.3 V
0
5
10
15
20
25
0
50
100
150
200
250
FREQUENCY (MHz)
–40°C
+25°C
+85°C
+100°C
Figure 7. OP1dB vs. Frequency for 200 Ω Differential Load, AV = 6 dB,
Four Temperatures, VPOS = 3.3 V
0
2
4
6
8
10
12
14
16
18
10
100
1000
FREQUENCY (MHz)
AV = 6dB
AV = 12dB
AV = 15.5dB
Figure 8. Noise Figure vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 15.5 dB,
VPOS = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com