Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
ADL5565
Rev. G | Page 13 of 26
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
5V, –40°C
5V, +25°C
5V, +85°C
5V, +100°C
3.3V, –40°C
3.3V, +25°C
3.3V, +85°C
3.3V, +100°C
Figure 15. IMD3 vs. Frequency, Over Temperature, Output Level at
2 V p-p Composite, RL = 200 Ω, AV = 6 dB, VPOS = 3.3 V and VPOS = 5 V,
Four Temperatures
25
30
35
40
45
50
55
0
50
100
150
200
250
FREQUENCY (MHz)
AV = 5.3dB
AV = 10.3dB
AV = 13dB
Figure 16. Single-Ended OIP3 vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
–180
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2, 3.3V, AV = 6dB
HD2, 3.3V, AV = 12dB
HD2, 3.3V, AV = 15.5dB
HD2, 5V, AV = 6dB
HD2, 5V, AV = 12dB
HD2, 5V, AV = 15.5dB
HD3, 3.3V, AV = 6dB
HD3, 3.3V, AV = 12dB
HD3, 3.3V, AV = 15.5dB
HD3, 5V, AV = 6dB
HD3, 5V, AV = 12dB
HD3, 5V, AV = 15.5dB
Figure 17. Harmonic Distortion (HD2/HD3) vs. Frequency,
Output Level at 2 V p-p Composite, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–140
–120
–100
–80
–60
–40
–20
0
–180
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
HD2, 5V, –40°C
HD2, 5V, +25°C
HD2, 5V, +85°C
HD2, 5V, +100°C
HD2, 3.3V, –40°C
HD2, 3.3V, +25°C
HD2, 3.3V, +85°C
HD2, 3.3V, +100°C
HD3, 5V, –40°C
HD3, 5V, +25°C
HD3, 5V, +85C
HD3, 5V, +100°C
HD3, 3.3V, –40°C
HD3, 3.3V, +25°C
HD3, 3.3V, +85°C
HD3, 3.3V, +100°C
Figure 18. Harmonic Distortion (HD2/HD3) vs. Frequency, Over Temperature,
Output Level at 2 V p-p Composite, RL = 200 Ω, AV = 6 dB, VPOS = 3.3 V and
VPOS = 5 V, Four Temperatures
POUT/TONE (dBm)
–140
–120
–100
–80
–60
–40
–20
0
–200
–180
–160
–140
–120
–100
–80
–60
–6
–4
–2
0
2
4
6
8
10
3.3V, HD2
5V, HD2
3.3V, HD3
5V, HD3
Figure 19. Harmonic Distortion vs. Output Power per Tone,
Frequency = 100 MHz, RL = 200 Ω, VPOS = 3.3 V and VPOS = 5 V
–120
–100
–80
–60
–40
–20
0
1.0
1.5
2.0
2.5
3.0
VCOM
HD2, 5V
HD3, 5V
HD2, 3.3V
HD3, 3.3V
Figure 20. Harmonic Distortion (HD2/HD3) vs. VCOM,
AV = 6 dB, VPOS = 3.3 V and VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com