Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADL5565
Rev. G | Page 15 of 26
300
280
260
240
220
200
180
160
140
120
100
80
60
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1000
FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Figure 27. S11 Equivalent RLC Parallel Network, AV = 6 dB
20
18
16
14
12
10
8
6
4
2
0
10
1
2
3
4
5
6
7
8
9
0
10
100
1000
FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Figure 28. S22 Equivalent RLC Parallel Network, AV = 6 dB
60
65
70
75
80
85
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
5V
3.3V
Figure 29. ISUPPLY vs. Temperature, RL = 200 Ω, AV = 6 dB,
VPOS = 3.3 V and VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com