Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ADL5565
Data Sheet
Rev. G | Page 18 of 26
INPUT AND OUTPUT INTERFACING
The ADL5565 can be configured as a differential input to
differential output driver, as shown in Figure 32. The resistors,
R1 and R2, combined with the ETC1-1-13 balun transformer,
provide a 50 Ω input match for the three input impedances that
change with the variable gain strapping. The input and output
0.1 µF capacitors isolate the VCC/2 bias from the source and
balanced load. The load should equal 200 Ω to provide the
expected ac performance (see the Specifications section and the
Typical Performance Characteristics section).
3V TO 5V
VIP2
VIP1
VIN1
VIN2
A
B
50
Ω
AC
R2
0.1µF
ETC1-1-13
0.1µF
R1
0.1µF
0.1µF
NOTES
1. FOR 6dB GAIN (AV = 2), CONNECT INPUT A TO VIP1 AND INPUT B TO VIN1.
2. FOR 12dB GAIN (AV = 4), CONNECT INPUT A TO VIP2 AND INPUT B TO VIN2.
3. FOR 15.5dB GAIN (AV = 6), CONNECT INPUT A TO BOTH VIP1 AND VIP2
AND INPUT B TO BOTH VIN1 AND VIN2.
RL
2
RL
2
Figure 32. Differential Input to Differential Output Configuration
Table 6. Differential Termination Values for Figure 32
Gain (dB)
R1 (Ω)
R2 (Ω)
6
29
29
12
33
33
15.5
40.2
40.2
The differential gain of the ADL5565 is dependent on the
source impedance and load, as shown in Figure 33.
100
Ω
200
Ω
200
Ω
100
Ω
50
Ω
50
Ω
VIP2
VIP1
VIN1
VIN2
5
Ω
5
Ω
RL
AC
1/2 RS
1/2 RS
0.1µF
0.1µF
Figure 33. Differential Input Loading Circuit
The differential gain can be determined using the following
formula. The values of RG for each gain configuration are shown
in Table 7.
L
L
G
V
R
R
R
A
+
×
=
10
200
(1)
In Equation 1, RG is the gain setting resistor (see Figure 1).
Table 7. Values of RG for Differential Gain
Gain (dB)
RG (Ω)
6
100
12
50
15.5
33.5
Single-Ended Input to Differential Output
The ADL5565 can also be configured in a single-ended input
to differential output driver, as shown in Figure 34. In this
configuration, the gain of the part is reduced due to the application
of the signal to only one side of the amplifier. The strappable
gain values are listed in Table 8 with the required terminations
to match to a 50 Ω source using R1 and R2. The input and output
0.1 µF capacitors isolate the VCC/2 bias from the source and the
balanced load. The performance for this configuration is shown
in Figure 16 and Figure 21.
VIP2
VIP1
VIN1
VIN2
A
B
50
Ω
AC
R2
0.1µF
0.1µF
0.1µF
3V TO 5V
+
R1
NOTES
1. FOR 5.3dB GAIN (AV = 1.84), CONNECT INPUT A TO VIP1
AND INPUT B TO VIN1.
2. FOR 10.3dB GAIN (AV = 3.3), CONNECT INPUT A TO VIP2
AND INPUT B TO VIN2.
3. FOR 13dB GAIN (AV = 4.5), CONNECT INPUT A TO BOTH
VIP1 AND VIP2 AND INPUT B TO BOTH VIN1 AND VIN2.
0.1µF
RL
2
RL
2
Figure 34. Single-Ended Input to Differential Output Configuration
Table 8. Single-Ended Termination Values for Figure 34
Gain (dB)
R1 (Ω)
R2 (Ω)
5.3
30
73
10.3
30
104
13
30
154
The single-ended gain configuration of the ADL5565 is dependent
on the source impedance and load, as shown in Figure 35.
RL
200
Ω
200
Ω
VIP2
VIP1
VIN1
VIN2
5
Ω
5
Ω
RS
AC
R2
0.1µF
0.1µF
0.1µF
0.1µF
+
R1
2
RL
2
100
Ω
100
Ω
50
Ω
50
Ω
Figure 35. Single-Ended Input Loading Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com