Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 26 of 33
APPLICATIONS INFORMATION
ACTIVE OVERVOLTAGE PROTECTION
The ADA4177-1/ADA4177-2/ADA4177-4 use active overvoltage
protection to protect the devices from damage when the inputs
are driven to a voltage up to 32 V above the positive supply
voltage or 32 V below the negative supply voltage. The
ADA4177-1/ADA4177-2/ADA4177-4 not only protect the
input from damage, but they also reduce the input noise.
Common Protection Methods
Add an External Series Input Resistor
When an op amp does not have input overvoltage protection,
moving the input voltage above or below the supply voltage can
cause excessive input current, which can damage the op amp.
To avoid this, add a series resistor at the input. To protect the op
amp from a 30 V transient beyond either rail, limit the input
current to 5 mA, and add a 6 kΩ series resistor to the input.
However, a trade-off of adding the series resister is its added
thermal noise. The 6 kΩ series resistor exhibits 10 nV/√Hz of
thermal noise, which adds quadrature thermal noise from the
resistor with the op amp noise.
2
2
RESISTOR
AMP
OP
TOTAL
N
N
N
+
=
where:
NTOTAL is the total noise.
NOP AMP is the op amp noise.
NRESISTOR is the thermal noise generated by the resistor.
When the additional thermal noise from the series resistor is added
to the thermal noise (8 nV/√Hz) of the ADA4177-1/ADA4177-2/
ADA4177-4, the 6 kΩ series resistor brings the total thermal
noise to 12 nV/√Hz, which is a 70% increase in thermal noise.
Figure 85 shows how noise from the additional source resistance
adds to the total noise at the amplifier input; the higher the source
resistance, the higher the total noise. Because the ADA4177-1/
ADA4177-2/ADA4177-4 have integrated input protection for
overvoltage conditions, the noise trade-off is avoided.
20
0
2
4
6
8
10
12
14
16
18
TOTAL SOURCE RESISTANCE
0
30000
25000
20000
15000
10000
5000
TOTAL NOISE
RESISTOR NOISE
ADA4177-1/ADA4177-2/ADA4177-4 NOISE
Figure 85. Equivalent Thermal Noise vs. Total Source Resistance
Add External Clamping Diodes
Precision op amps have a low VOS and a high common-mode
rejection ratio (CMRR). Both of these characteristics simplify
system calibration and minimize dynamic error. To maintain
these specifications in the presence of ESD events, bipolar op
amps often have internal clamp diodes and small limiting
resistors in series with their inputs; however, these do not address
fault conditions where the inputs exceed the rails. In these cases,
the system designer commonly adds clamping diodes (D1 and
D2) along with a series resistor (ROVP), shown in Figure 86.
ROVP
RF
VIN
VOUT
D2
D1
V–
V+
Figure 86. Common Scheme for Protecting Precision Amplifier Inputs from
Overvoltage Conditions
If the signal source at VIN is driven to one diode voltage beyond
the op amp supplies, the fault current is limited by ROVP. Schottky
diodes have a low forward knee voltage of 200 mV less than a
typical small signal diode. Therefore, all overvoltage currents
are shunted through the external diodes (D1 and D2). The reverse
leakage current for a typical Schottky diode is extremely variable
with the reverse voltage level. Therefore, as the noninverting
input of the op amp swings, the D1 and D2 leakage currents do
not match, and the differences pass through ROVP, creating a
voltage drop. The voltage drop on ROVP appears as a variation in
VOS, which can drastically reduce the CMRR performance.
Because the ADA4177-1/ADA4177-2/ADA4177-4 have integrated
input protection during overvoltage conditions, the degradation
in performance is avoided.
Input Protection Circuit
The ADA4177-1/ADA4177-2/ADA4177-4 inputs provide
overvoltage protection without the trade-offs encountered in
the common design methods. The conceptual schematic of the
input is shown in Figure 87.
J1B
J1A
VIN1
J2B
J2A
VIN2
V+
V–
Figure 87. Conceptual Schematic of the Inputs of the
ADA4177-1/ADA4177-2/ADA4177-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com