Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 15 of 33
5.00
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
TEMPERATURE (°C)
–50
–25
75
50
25
0
100
125
VSY = ±5V
VOH AT ILOAD = 7mA
VOH AT ILOAD = 1mA
VOL AT ILOAD = 7mA
VOL AT ILOAD = 1mA
Figure 27. Output Voltage Swing vs. Temperature, VSY = ±5 V
300
0
50
100
150
200
250
INPUT BIAS CURRENT (nA)
VSY = ±5V
Figure 28. Input Bias Current Distribution, VSY = ±5 V
0.2
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSY = ±5V
VCM = 0V
IB–
IB+
Figure 29. Input Bias Current (IB) vs. Temperature, VSY = ±5 V
15.00
14.80
14.82
14.84
14.86
14.88
14.90
14.92
14.94
14.96
14.98
TEMPERATURE (°C)
–50
–25
75
50
25
0
100
125
VSY = ±15V
VOH AT ILOAD = 7mA
VOH AT ILOAD = 1mA
VOL AT ILOAD = 7mA
VOL AT ILOAD = 1mA
Figure 30. Output Voltage Swing vs. Temperature, VSY = ±15 V
450
400
0
50
100
150
200
300
350
250
INPUT BIAS CURRENT (nA)
VSY = ±15V
Figure 31. Input Bias Current Distribution, VSY = ±15 V
0.2
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSY = ±15V
VCM = 0V
IB–
IB+
Figure 32. Input Bias Current (IB) vs. Temperature, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com