Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4177-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
OVP and EMI Protected, Precision,
Low Noise and Bias Current Op Amps
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 60 µV maximum at 25°C (8-lead and
14-lead SOIC)
Low offset voltage drift: 1 µV/°C maximum (8-lead and
14-lead SOIC)
Low input bias current: 1 nA maximum at 25°C
Low voltage noise density: 8 nV/√Hz typical at 1 kHz
Large signal voltage gain (AVO): 100 dB minimum over full
supply voltage and operating temperature
Input overvoltage protection to 32 V above and below the
supply voltage rail
Integrated EMI filter
70 dB typical rejection at 1000 MHz
90 dB typical rejection at 2400 MHz
Rail-to-rail output swing
Low supply current: 500 µA typical per amplifier
Wide bandwidth
Gain bandwidth product (AV = 100): 3.5 MHz typical
Unity-gain crossover (AV = 1): 3.5 MHz typical
−3 dB bandwidth (AV = 1): 6 MHz typical
Dual-supply operation
Specified at ±5 V to ±15 V, operates over ±2.5 V to ±18 V
Unity-gain stable
No phase reversal
Long-term offset voltage drift (10,000 hours): 2 µV typical
Temperature hysteresis: 2 µV typical
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples, RTDs, strain gages, shunt current
measurements
GENERAL DESCRIPTION
The ADA4177-1 single-channel, ADA4177-2 dual-channel, and
ADA4177-4 quad-channel amplifiers feature low offset voltage
(2 µV typical) and drift (1 µV/°C maximum), low input bias
current, low noise, and low current consumption (500 µA
typical). Outputs are stable with capacitive loads of more than
1000 pF with no external compensation.
The inputs of the ADA4177-1/ADA4177-2/ADA4177-4 feature
outstanding precision amplifier robustness, providing input
protection against signal excursions 32 V beyond either supply,
as well as 70 dB of rejection for electromagnetic interference (EMI)
at 1000 MHz.
PIN CONNECTION DIAGRAM
OUT A 1
–IN A
2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4177-2
TOP VIEW
(Not to Scale)
Figure 1. ADA4177-2, for Additional Packages and Models, See the Pin
Configurations and Function Descriptions Section
Applications for these amplifiers include sensor signal conditioning
(such as thermocouples, resistor thermal detectors (RTDs), and
strain gages), process control front-end amplifiers, and
precision diode power measurement in optical and wireless
transmission systems.
The ADA4177-1/ADA4177-2/ADA4177-4 operate over the
−40°C to +125°C industrial temperature range. The ADA4177-1/
ADA4177-2 are available in an 8-lead SOIC package and an 8-lead
MSOP package. The ADA4177-4 is available in a 14-lead TSSOP
and a 14-lead SOIC package.
12
–10
–8
–6
–4
–2
0
2
4
6
8
10
VIN (V)
–50
50
30
10
–10
–30
VSY = ±15V
Figure 2. Overvoltage Current Limiting, Voltage Follower Configuration
Table 1. Evolution of Protected Input Op Amps by Generation1
Gen. 1,
OVP (10 V)
Gen. 2,
OVP (25 V)
Gen. 3,
OVP (32 V)
Gen. 4
EMI Filters
Gen. 5, OVP
(32 V) + EMI
OP191
ADA4091-2
ADA4096-2
AD8657
ADA4177-1
OP291
ADA4091-4
ADA4096-4
AD8659
ADA4177-2
OP491
ADA4092-4
AD8546
ADA4177-4
AD8548
ADA4661-2
ADA4666-2
1
Gen. means generation.


Similar Part No. - ADA4177-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4177-1ARZ-R7 AD-ADA4177-1ARZ-R7 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
More results

Similar Description - ADA4177-1ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
Analog Devices
ADA4177-1 AD-ADA4177-1 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
logo
Texas Instruments
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40075 MAXIM-MAX40075 Datasheet
1Mb / 14P
10MHz/42MHz Low Noise, Low Bias Op-Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com