Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 8 of 33
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
36 V
Input Voltage
VSY ± 32 V
Differential Input Voltage
±VSY
Output Short-Circuit Duration to GND
See the Maximum Power
Dissipation section
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10 sec)1
300°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)2
4 kV
Field Induced Charged Device
Model (FICDM)3
1250 V
Machine Model (MM)
200 V
1
IPC/JEDEC J-STS-020D applicable standard.
2
ESDA/JEDEC JS-001-2011 applicable standard.
3
JESD22-C101 (ESD FICDM standard of JEDEC) applicable standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The ADA4177-1/ADA4177-2/ADA4177-4 can drive a short-
circuit output current of up to 65 mA. However, the usable
output load current drive is limited by the maximum power
dissipation allowed by the device package. The absolute
maximum junction temperature is 150°C (see Table 4). The
junction temperature can be estimated as follows:
TJ = PD × θJA + TA
where:
TJ is the die junction temperature.
PD is the power dissipated in the package.
θJA is the thermal resistance of the package.
TA is the ambient temperature.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated by the
output stage transistor. It is calculated as follows:
PD = (VSY × ISY) + (VSY − VOUT) × ILOAD
where:
VSY is the power supply rail.
ISY is the quiescent current.
VOUT is the output of the amplifier.
ILOAD is the output load.
Do not exceed the 150°C maximum junction temperature for
the device. Exceeding the junction temperature limit can cause
degradation in the parametric performance or even destroy the
device. Refer to Technical Article MS-2251, Data Sheet Intricacies—
Absolute Maximum Ratings and Thermal Resistances, for more
information.
THERMAL RESISTANCE
Thermal resistance between junction and ambient (θJA) is
specified for the worst case conditions, that is, a device soldered
in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP
190
44
°C/W
8-Lead SOIC
158
43
°C/W
14-Lead TSSOP
240
43
°C/W
14-Lead SOIC
115
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com