Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 6 of 33
ELECTRICAL CHARACTERISTICS, ±15 V
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
8-Lead SOIC and 14-Lead SOIC
2
60
µV
−40°C < TA < +125°C
120
µV
8-Lead MSOP
3
120
µV
−40°C < TA < +125°C
200
µV
14-Lead TSSOP
3
150
µV
−40°C < TA < +125°C
300
µV
Offset Voltage Matching
8-Lead SOIC
40
µV
8-Lead MSOP
110
µV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
8-Lead SOIC and 14-Lead SOIC
1
µV/°C
8-Lead MSOP and 14-Lead TSSOP
1.6
µV/°C
Input Bias Current
IB
−1
−0.3
+1
nA
−40°C < TA < +125°C
−2
+2
nA
Input Offset Current
IOS
−0.75
+0.1
+0.75
nA
−40°C < TA < +125°C
−1.5
+1.5
nA
Input Voltage Range
IVR
−13.5
+13.5
V
Overvoltage Current Limit1
IOVP
15 V < VCM < 47 V
12
mA
−47 V < VCM < −15 V
10
mA
Common-Mode Rejection Ratio
CMRR
VCM = −13.5 V to +13.5 V
128
130
dB
−40°C < TA < +125°C
125
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VOUT = −14.2 V to +14.2 V
110
114
dB
−40°C < TA < +125°C
103
dB
RL = 10 kΩ, VOUT = −14.5 V to +14.5 V
118
120
dB
−40°C < TA < +125°C
110
dB
Input Capacitance
CINDM
Differential mode
1
pF
CINCM
Common mode
8
pF
Input Resistance
RDIFF
Differential mode
4
MΩ
RCM
Common mode
130
GΩ
OUTPUT CHARACTERISTICS
Output Voltage
High
VOH
ILOAD = 1 mA
14.95
V
−40°C < TA < +125°C
14.90
V
ILOAD = 7 mA
14.80
V
−40°C < TA < +125°C
14.75
V
Low
VOL
ILOAD = 1 mA
−14.95
V
−40°C < TA < +125°C
−14.90
V
ILOAD = 7 mA
−14.80
V
−40°C < TA < +125°C
−14.75
V
Output Current
IOUT
VDROPOUT < 1 V
25
mA
Short-Circuit Current
ISC
TA = 25°C
Sourcing
53
mA
Sinking
65
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = 1
0.08
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com