Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4177-1ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4177-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4177-1ARZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 22 of 33
AMPLITUDE (V rms)
0.001
0.01
10
1
0.1
1
0.1
0.0001
0.001
0.01
VSY = ±5V
RL = 2kΩ
fIN = 1kHz
Figure 69. THD + N vs. Amplitude, VSY = ±5 V
TIME (1s/DIV)
VSY = ±5V
Figure 70. 0.1 Hz to 10 Hz Noise, VSY = ±5 V
VIN (V)
–40
40
20
5
–10
–25
–35
25
10
–5
–20
–30
30 35
15
0
–15
15.0
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
VSY = ±5V
Figure 71. Input Bias Current vs. Input Voltage (VIN) Including
Input Overvoltage Range (Beyond VSY = ±5 V )
AMPLITUDE (V rms)
0.001
0.01
10
1
0.1
1
0.1
0.0001
0.001
0.01
VSY = ±15V
RL = 2kΩ
fIN = 1kHz
Figure 72. THD + N vs. Amplitude, VSY = ±15 V
TIME (1s/DIV)
VSY = ±15V
Figure 73. 0.1 Hz to 10 Hz Noise, VSY = ±15 V
VIN (V)
–50
50
0
–40
10
–30
20
–20
30
–10
40
12.5
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
VSY = ±15V
Figure 74. Input Bias Current vs. Input Voltage (VIN) Including
Input Overvoltage Range (Beyond VSY = ±15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com