Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 5Page - NXP Semiconductors TDA9840 Datasheet HTML 6Page - NXP Semiconductors TDA9840 Datasheet HTML 7Page - NXP Semiconductors TDA9840 Datasheet HTML 8Page - NXP Semiconductors TDA9840 Datasheet HTML 9Page - NXP Semiconductors TDA9840 Datasheet HTML 10Page - NXP Semiconductors TDA9840 Datasheet HTML 11Page - NXP Semiconductors TDA9840 Datasheet HTML 12Page - NXP Semiconductors TDA9840 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1998 Jul 03
9
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
CHARACTERISTICS
VP =5V; Tamb = +25 °C; nominal input signal Vi1,2 = 0.25 V RMS value (FM: 54% modulation is equivalent to
∆f= ±27 kHz); nominal input signal Vi3,4 = 0.5 V RMS value (AM: m = 0.54); nominal output signal Vo1,2,3,4 = 0.5 V
RMS value; fAF = 1 kHz; Vi pil = 16 mV RMS value; fpil = 54.6875 kHz (identification frequencies: stereo = 117.48 Hz,
dual = 274.12 Hz), 50
µs pre-emphasis; noise measurement in accordance with “CCIR468-3”, working oscillator
frequency fω = 10.008 MHz; currents into the IC positive; measured in test circuit according to Fig.5; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 18)
4.5
5
8.8
V
IP
supply current (pin 18)
15.5
16.5
20.5
mA
Ptot
total power dissipation
69.75
82.5
180.4
mW
Vn(DC)
DC voltage
(pins 7 to 15 and 17)
1
⁄2VP − 0.1
1
⁄2VP
1
⁄2VP + 0.1 V
Vref(DC)
DC reference voltage (pin 6)
1
⁄2VP − 0.1
1
⁄2VP
1
⁄2VP + 0.1 V
lL(DC)
DC leakage current (pin 6)
−−
±1
µA
AF Inputs; Vi1 and Vi2 (pins 7 and 8)
Vi(rms)
nominal input signal voltage
(RMS value)
54% modulation
−
0.25
−
V
Vi(rms)
clipping voltage level
(RMS value)
THD
≤ 1.5%; note 1
VP = 5 V
0.625
0.715
−
V
VP = 8 V
1.050
1.200
−
V
THD
≤ 1.5%; note 2
VP = 5 V
0.780
0.900
−
V
VP = 8 V
1.300
1.500
−
V
Gv
AF signal voltage gain
G = Vo/Vi; note 3
5
6
7
dB
∆G
v (Vo1)
stereo control range
only at pin 7
+2.4
+2.5
+2.6
dB
−2.3
−2.4
−2.5
dB
nominal step
maximum 49 steps
−
0.1
−
dB
∆G
v (Vo2)
level control range
only at pin 8
+2.4
+2.5
+2.6
dB
−1.9
−2.0
−2.1
dB
nominal step
maximum 9 steps
−
0.5
−
dB
Ri
input resistance
40
50
60
k
Ω
Rdeem
internal de-emphasis resistor
(pins 15 and 17)
see Fig.4
4.25
5.0
5.75
k
Ω
Additional AF input pin (pins 9 and 10)
Vi(rms)
nominal input signal voltage
(RMS value)
54% modulation
−
0.5
−
V
Vi(rms)
clipping voltage level
(RMS value)
THD
≤ 1.5%
VP = 5 V
1.25
1.40
−
V
VP =8V
2.10
2.35
−
V
Gv
AF signal voltage gain
G=Vo/Vi; note 3
−10
1
dB
Ri
input resistance
40
50
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com