Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9840 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors TDA9840 Datasheet HTML 17Page - NXP Semiconductors TDA9840 Datasheet HTML 18Page - NXP Semiconductors TDA9840 Datasheet HTML 19Page - NXP Semiconductors TDA9840 Datasheet HTML 20Page - NXP Semiconductors TDA9840 Datasheet HTML 21Page - NXP Semiconductors TDA9840 Datasheet HTML 22Page - NXP Semiconductors TDA9840 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1998 Jul 03
19
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
Table 11 Data byte to select stereo adjustment
[subaddress (03)HEX]
∆G
V
(dB)
DATA
D7
D6
D5
D4
D3
D2
D1
D0
HEX
+2.5
0
0
1
1
1
0
0
1
39
+2.4
0
0
1
1
1
0
0
0
38
+2.3
0
0
1
1
0
1
1
1
37
+2.2
0
0
1
1
0
1
1
0
36
+2.1
0
0
1
1
0
1
0
1
35
+2.0
0
0
1
1
0
1
0
0
34
+1.9
0
0
1
1
0
0
1
1
33
+1.8
0
0
1
1
0
0
1
0
32
+1.7
0
0
1
1
0
0
0
1
31
+1.6
0
0
1
1
0
0
0
0
30
+1.5
0
0
1
0
1
1
1
1
2F
+1.4
0
0
1
0
1
1
1
0
2E
+1.3
0
0
1
0
1
1
0
1
2D
+1.2
0
0
1
0
1
1
0
0
2C
+1.1
0
0
1
0
1
0
1
1
2B
+1.0
0
0
1
0
1
0
1
0
2A
+0.9
0
0
1
0
1
0
0
1
29
+0.8
0
0
1
0
1
0
0
0
28
+0.7
0
0
1
0
0
1
1
1
27
+0.6
0
0
1
0
0
1
1
0
26
+0.5
0
0
1
0
0
1
0
1
25
+0.4
0
0
1
0
0
1
0
0
24
+0.3
0
0
1
0
0
0
1
1
23
+0.2
0
0
1
0
0
0
1
0
22
+0.1
0
0
1
0
0
0
0
1
21
0
0
0000000
00
−0.1
00000001
01
−0.2
00000010
02
−0.3
00000011
03
−0.4
00000100
04
−0.5
00000101
05
−0.6
00000110
06
−0.7
00000111
07
−0.8
00001000
08
−0.9
00001001
09
−1.0
00001010
0A
−1.1
00001011
0B
−1.2
00001100
0C
−1.3
00001101
0D
−1.4
00001110
0E
−1.5
00001111
0F
−1.6
00010000
10
−1.7
00010001
11
−1.8
00010010
12
−1.9
00010011
13
−2.0
00010100
14
−2.1
00010101
15
−2.2
00010110
16
−2.3
00010111
17
−2.4
00011000
18
∆G
V
(dB)
DATA
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Table 12 Data byte to select integration time [subaddress (04)HEX]
Function of the bits:
• INTFU = 0 integrator function enabled
• INTFU = 1 integrator function disabled
• INT1SN = 0 integration time approximately 1 s (default)
• INT1SN = 1integration time approximately 0.5 s.
FUNCTION
SUBADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
Test byte
0000 0100
XXXXXX
INTFU
INT1SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com